Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5258BRMZ1-R71 Datasheet (PDF) - Analog Devices

AD5258BRMZ1-R71 Datasheet PDF - Analog Devices
Part # AD5258BRMZ1-R71
Download  AD5258BRMZ1-R71 Download
File Size   1299.65 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer

AD5258BRMZ1-R71 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5258BRMZ1-R71 Datasheet PDF - Analog Devices

Part # AD5258BRMZ1-R71
Download  AD5258BRMZ1-R71 Click to download

File Size   1299.65 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer

AD5258BRMZ1-R71 Datasheet (HTML) - Analog Devices


AD5258BRMZ1-R71 Product details

GENERAL DESCRIPTION

The AD5258 provides a compact, nonvolatile 3 mm × 4.9 mm packaged solution for 64-position adjustment applications. These devices perform the same electronic adjustment function as mechanical potentiometers1  or variable resistors, but with enhanced resolution and solid-state reliability.



FEATURES

Nonvolatile memory maintains wiper settings

64-position

Compact MSOP-10 (3mm × 4.9 mm) package

I

2

C®-compatible interface

VLOGIC pin provides increasedinterface flexibility

End-to-end resistance 1 kΩ, 10kΩ, 50kΩ, 100 kΩ

Resistance tolerance stored in EEPROM (0.1% accuracy)

Power-on EEPROM refresh time<1 ms

Software write protect command

Three-stateAddress Decode Pins AD0and AD1 allow 9 packages per bus

100-year typical dataretention at 55°C

Wide operating temperature −40°C to+85°C

3 V to5V single supply



APPLICATIONS

LCD panel VCOMadjustment

LCD panel brightness and contrast control

Mechanical potentiometer replacement in new designs

Programmable power supplies

RF amplifier biasing

Automotive electronics adjustment

Gain control and offset adjustment

Fiber to the home systems

Electronics level settings




Similar Part No. - AD5258BRMZ1-R71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5258BRMZ1-R7 AD-AD5258BRMZ1-R7 Datasheet
534Kb / 24P
Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. D
More results


Similar Description - AD5258BRMZ1-R71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5247 AD-AD5247 Datasheet
1Mb / 20P
128-Position I2C Compatible Digital Potentiometer
AD5259 AD-AD5259 Datasheet
245Kb / 14P
Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Revision 0
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ5 AD-AD5245BRJ5 Datasheet
687Kb / 20P
256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5258BRMZ1-RL7 AD-AD5258BRMZ1-RL7 Datasheet
534Kb / 24P
Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. D
AD5247BKSZ100-2RL7 AD-AD5247BKSZ100-2RL7 Datasheet
489Kb / 20P
128-Position I2C-Compatible Digital Potentiometer
Rev. F
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5258 AD-AD5258_15 Datasheet
534Kb / 24P
Nonvolatile, IC-Compatible 64-Position, Digital Potentiometer
REV. D
AD5259 AD-AD5259_15 Datasheet
606Kb / 24P
Nonvolatile, IC-Compatible 256-Position, Digital Potentiometer
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com