Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5258BRMZ1-R71 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5258BRMZ1-R71
Description  Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5258BRMZ1-R71 Datasheet(HTML) 3 Page - Analog Devices

  AD5258BRMZ1-R71 Datasheet HTML 1Page - Analog Devices AD5258BRMZ1-R71 Datasheet HTML 2Page - Analog Devices AD5258BRMZ1-R71 Datasheet HTML 3Page - Analog Devices AD5258BRMZ1-R71 Datasheet HTML 4Page - Analog Devices AD5258BRMZ1-R71 Datasheet HTML 5Page - Analog Devices AD5258BRMZ1-R71 Datasheet HTML 6Page - Analog Devices AD5258BRMZ1-R71 Datasheet HTML 7Page - Analog Devices AD5258BRMZ1-R71 Datasheet HTML 8Page - Analog Devices AD5258BRMZ1-R71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD5258
Rev. 0 | Page 3 of 24
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VDD = VLOGIC = 5 V ± 10%, or 3 V ± 10%; VA = VDD; VB = 0 V; −40°C < TA < +85°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS: RHEOSTAT MODE
Resistor Differential Nonlinearity
R-DNL
RWB, VA = no connect
LSB
1 kΩ
−1.5
±0.3
+1.5
10 kΩ/50 kΩ/100 kΩ
−0.25
±0.1
+0.25
Resistor Integral Nonlinearity
R-INL
RWB, VA = no connect
LSB
1 kΩ
−5
±0.5
+5
10 kΩ/100 kΩ
−0.5
±0.1
+0.5
50 kΩ
−0.25
±0.1
+0.25
Nominal Resistor Tolerance
TA = 25°C, VDD = 5.5 V
1 kΩ
RAB
0.9
1.5
kΩ
10 kΩ/50 kΩ/100 kΩ
∆RAB
−30
+30
%
Resistance Temperature Coefficient
(∆RAB × 106)/(RAB × ∆T)
Code = 0x00/0x20
200/15
ppm/°C
Total Wiper Resistance
RWB
Code = 0x00
75
350
Ω
DC CHARACTERISTICS:
POTENTIOMETER DIVIDER MODE
Differential Nonlinearity
DNL
LSB
1 kΩ
−1
±0.3
+1
10 kΩ/50 kΩ/100 kΩ
−0.25
±0.1
+0.25
Integral Nonlinearity
INL
LSB
1 kΩ
−1
±0.3
+1
10 kΩ/50 kΩ/100 kΩ
−0.25
±0.1
+0.25
Full-Scale Error
VWFSE
Code = 0x3F
LSB
1 kΩ
−6
−3
0
10 kΩ
−1
−0.3
0
50 kΩ/100 kΩ
−1
−0.1
0
Zero-Scale Error
VWZSE
Code = 0x00
LSB
1 kΩ
0
3
5
10 kΩ
0
0.3
1
50 kΩ/100 kΩ
0
0.1
0.5
Voltage Divider Temperature
Coefficient
(∆VW × 106)/(VW × ∆T)
Code = 0x00/0x20
120/15
ppm/°C
RESISTOR TERMINALS
Voltage Range
VA, B, W
GND
VDD
V
Capacitance A, B
CA, B
f = 1 MHz, measured to GND,
code = 0x20
45
pF
Capacitance W
CW
f = 1 MHz, measured to GND,
code = 0x20
60
pF
Common-Mode Leakage
ICM
VA = VB = VDD/2
10
nA
DIGITAL INPUTS AND OUTPUTS
Input Logic High
VIH
0.7 × VL
VL + 0.5
V
Input Logic Low
VIL
−0.5
0.3 × VL
V
Leakage Current
IIL
µA
SDA, AD0, AD1
VIN = 0 V or 5 V
0.01
±1
SCL – Logic High
VIN = 0 V
−2.5
−1.4
+1
SCL – Logic Low
VIN = 5 V
0.01
±1
Input Capacitance
CIL
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com