Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5258BRMZ1-R71 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5258BRMZ1-R71
Description  Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5258BRMZ1-R71 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5258BRMZ1-R71 Datasheet HTML 16Page - Analog Devices AD5258BRMZ1-R71 Datasheet HTML 17Page - Analog Devices AD5258BRMZ1-R71 Datasheet HTML 18Page - Analog Devices AD5258BRMZ1-R71 Datasheet HTML 19Page - Analog Devices AD5258BRMZ1-R71 Datasheet HTML 20Page - Analog Devices AD5258BRMZ1-R71 Datasheet HTML 21Page - Analog Devices AD5258BRMZ1-R71 Datasheet HTML 22Page - Analog Devices AD5258BRMZ1-R71 Datasheet HTML 23Page - Analog Devices AD5258BRMZ1-R71 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD5258
Rev. 0 | Page 20 of 24
DISPLAY APPLICATIONS
CIRCUITRY
A special feature of the AD5258 is its unique separation of the
VLOGIC and VDD supply pins. The reason for doing this is to
provide greater flexibility in applications that do not always
provide needed supply voltages.
In particular, LCD panels often require a VCOM voltage in the
range of 3 V to 5 V. The circuit in Figure 45 is the rare exception
in which a 5 V supply is available to power the digital
potentiometer.
A
B
W
R2
10k
Ω
R1
70k
Ω
R3
25k
Ω
VDD
VLOGIC
SCL
SDA
GND
–
+
U1
AD8565
3.5V < VCOM < 4.5V
14.4V
VCC (~3.3V)
5V
AD5258
MCU
C1
1
µF
R5
10k
Ω
R6
10k
Ω
Figure 45. VCOM Adjustment Application
In the more common case shown in Figure 46, only analog 14.4 V
and digital logic 3.3 V supplies are available. By placing discrete
resistors above and below the digital pot, VDD can now be tapped
off the resistor string itself. Based on the chosen resistor values,
the voltage at VDD in this case equals 4.8 V, allowing the wiper to
be safely operated all the way up to 4.8 V. The current draw of
VDD will not affect that node’s bias because it is only on the
order of microamps. VLOGIC is tied to the MCU’s 3.3 V digital
supply because VLOGIC will draw the 35 mA which is needed
when writing to the EEPROM. It would be impractical to try
and source 35 mA through the 70 kΩ resistor, therefore, VLOGIC
is not connected to the same node as VDD.
For this reason, VLOGIC and VDD are provided as two separate
supply pins that can either be tied together or treated inde-
pendently; VLOGIC supplying the logic/EEPROM with power,
and VDD biasing up the A, B, and W terminals for added
flexibility.
A
B
W
R2
10k
Ω
R1
70k
Ω
R3
25k
Ω
VDD
VLOGIC
SCL
SDA
GND
–
+
U1
AD8565
3.5V < VCOM < 4.5V
14.4V
VCC (~3.3V)
AD5258
MCU
C1
1
µF
R5
10k
Ω
R6
10k
Ω
SUPPLIES POWER
TO BOTH THE
MICRO AND THE
LOGIC SUPPLY OF
THE DIGITAL POT
Figure 46. Circuitry When a Separate Supply is Not Available for VDD
For a more detailed look at this application, refer to the article,
“Simple VCOM Adjustment uses any Logic Supply Voltage” in
the September 30, 2004, issue of EDN magazine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com