Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5258BRMZ1-R71 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5258BRMZ1-R71
Description  Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5258BRMZ1-R71 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5258BRMZ1-R71 Datasheet HTML 10Page - Analog Devices AD5258BRMZ1-R71 Datasheet HTML 11Page - Analog Devices AD5258BRMZ1-R71 Datasheet HTML 12Page - Analog Devices AD5258BRMZ1-R71 Datasheet HTML 13Page - Analog Devices AD5258BRMZ1-R71 Datasheet HTML 14Page - Analog Devices AD5258BRMZ1-R71 Datasheet HTML 15Page - Analog Devices AD5258BRMZ1-R71 Datasheet HTML 16Page - Analog Devices AD5258BRMZ1-R71 Datasheet HTML 17Page - Analog Devices AD5258BRMZ1-R71 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD5258
Rev. 0 | Page 14 of 24
THEORY OF OPERATION
The AD5258 is a 64-position digitally controlled variable
resistor (VR) device. The wiper’s default value, prior to
programming the EEPROM, is midscale.
PROGRAMMING THE VARIABLE RESISTOR
Rheostat Operation
The nominal resistance (RAB) of the RDAC between Terminal A
and Terminal B is available in 1 kΩ, 10 kΩ, 50 kΩ, and 100 kΩ.
The nominal resistance of the VR has 64 contact points
accessed by the wiper terminal. The 6-bit data in the RDAC
latch is decoded to select one of 64 possible settings.
A
W
B
A
W
B
A
W
B
Figure 37. Rheostat Mode Configuration
The general equation determining the digitally programmed
output resistance between Wiper W and Terminal B is
()
W
AB
WB
R
R
D
D
R
×
+
×
=
2
64
(1)
where:
D is the decimal equivalent of the binary code loaded in the
6-bit RDAC register.
RAB is the end-to-end resistance.
RW is the wiper resistance contributed by the on resistance of
each internal switch.
D5
D4
D3
D2
D1
D0
RDAC
LATCH
AND
DECODER
RS
RS
RS
RS
A
W
B
Figure 38. AD5258 Equivalent RDAC Circuit
Note that in the zero-scale condition, there is a relatively low
value finite wiper resistance. Care should be taken to limit the
current flow between Wiper W and Terminal B in this state to a
maximum pulse current of no more than 20 mA. Otherwise,
degradation or destruction of the internal switch contact can
occur.
Similar to the mechanical potentiometer, the resistance of the
RDAC between Wiper W and Terminal A produces a digitally
controlled complementary resistance, RWA. The resistance value
setting for RWA starts at a maximum value of resistance and
decreases as the data loaded in the latch increases in value. The
general equation for this operation is
W
AB
WA
R
R
D
D
R
×
+
×
−
=
2
64
64
)
(
(2)
Typical device-to-device matching is process lot dependent and
may vary by up to ±30%. For this reason, resistance tolerance is
stored in the EEPROM such that the user will know the actual
RAB within 0.1%.
PROGRAMMING THE POTENTIOMETER DIVIDER
Voltage Output Operation
The digital potentiometer easily generates a voltage divider at
Wiper W-to-Terminal B and Wiper W-to-Terminal A propor-
tional to the input voltage at Terminal A to Terminal B. Unlike
the polarity of VDD to GND, which must be positive, voltage
across Terminal A to Terminal B, Wiper W to Terminal A, and
Wiper W to Terminal B can be at either polarity.
A
VI
W
B
VO
Figure 39. Potentiometer Mode Configuration
If ignoring the effect of the wiper resistance for approximation,
connecting the A terminal to 5 V and the B terminal to ground
produces an output voltage at Wiper W-to-Terminal B starting
at 0 V up to 1 LSB less than 5 V. The general equation defining
the output voltage at VW with respect to ground for any valid
input voltage applied to Terminal A and Terminal B is
B
A
W
V
D
V
D
D
V
64
64
64
)
(
−
+
=
(3)
A more accurate calculation, which includes the effect of wiper
resistance, VW, is
B
AB
WA
A
AB
WB
W
V
R
D
R
V
R
D
R
D
V
)
(
)
(
)
(
+
=
(4)
Operation of the digital potentiometer in the divider mode
results in a more accurate operation over temperature. Unlike
the rheostat mode, the output voltage is dependent mainly on
the ratio of the Internal Resistors, RWA and RWB, and not the
absolute values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com