Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2002CN Datasheet (PDF) - Intersil Corporation

EL2002CN Datasheet PDF - Intersil Corporation
Part # EL2002CN
Download  EL2002CN Download
File Size   222.05 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power, 180MHz Buffer Amplifier

EL2002CN Datasheet (PDF)

Go To PDF Page Download Datasheet
EL2002CN Datasheet PDF - Intersil Corporation

Part # EL2002CN
Download  EL2002CN Click to download

File Size   222.05 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power, 180MHz Buffer Amplifier

EL2002CN Datasheet (HTML) - Intersil Corporation


EL2002CN Product details

The EL2002 is a low cost monolithic, high slew rate, buffer amplifier. Built using the Elantec monolithic Complementary Bipolar process, this patented buffer has a -3dB bandwidth of 180MHz, and delivers 100mA, yet draws only 5mA of supply current. It typically operates from ±15V power supplies but will work with as little as ±5V.

Features
• 180MHz bandwidth
• 2000V/µs slew rate
• Low bias current, 3µA typical
• 100mA output current
• 5mA supply current
• Short circuit protected
• Low cost
• Stable with capacitive loads
• Wide supply range ±5V to ±15V
• No thermal runaway

Applications
• Op amp output current booster
• Cable/line driver
• A/D input buffer
• Isolation buffer




Similar Part No. - EL2002CN

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2002CN ELANTEC-EL2002CN Datasheet
302Kb / 12P
Low Power, 180 MHz Buffer Amplifier
More results


Similar Description - EL2002CN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5211 PHILIPS-SA5211 Datasheet
172Kb / 20P
Transimpedance amplifier 180MHz
1998 Oct 07
logo
Calogic, LLC
CLM4122 CALOGIC-CLM4122 Datasheet
50Kb / 4P
4mW, 180MHz, 2000V/Us High Speed Buffer
logo
Elantec Semiconductor
EL2002C ELANTEC-EL2002C Datasheet
302Kb / 12P
Low Power, 180 MHz Buffer Amplifier
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
180MHz Current Feedback Amplifier
logo
National Semiconductor ...
CLC503 NSC-CLC503 Datasheet
100Kb / 6P
Comlinear CLC503 180MHz, Differential-Output Amplifier
logo
Intersil Corporation
EL2160 INTERSIL-EL2160 Datasheet
280Kb / 14P
180MHz Current Feedback Amplifier
September 26, 2001
EL2001 INTERSIL-EL2001 Datasheet
222Kb / 6P
Low Power, 70MHz Buffer Amplifier
December 1995
logo
Cypress Semiconductor
Z9951 CYPRESS-Z9951 Datasheet
57Kb / 9P
3.3V, 180MHz, Multi-Output Zero Delay Buffer
Z9952 CYPRESS-Z9952 Datasheet
54Kb / 9P
3.3V, 180MHz, Multi-Output Zero Delay Buffer
Z9953 CYPRESS-Z9953 Datasheet
51Kb / 6P
3.3V, 180MHz, Multi-Output Zero Delay Buffer
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com