Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR92A Datasheet (PDF) - Inchange Semiconductor Company Limited

BFR92A Datasheet PDF - Inchange Semiconductor Company Limited
Part # BFR92A
Download  BFR92A Download
File Size   263.82 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN RF Transistor

BFR92A Datasheet (PDF)

Go To PDF Page Download Datasheet
BFR92A Datasheet PDF - Inchange Semiconductor Company Limited

Part # BFR92A
Download  BFR92A Click to download

File Size   263.82 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN RF Transistor

BFR92A Datasheet (HTML) - Inchange Semiconductor Company Limited


BFR92A Product details

DESCRIPTION
• Low Noise and High Gain
   NF = 1.3 dB TYP.
   @VCE = 10 V, IC = 7 mA, f = 1.0 GHz
• High Power Gain
   ︱ S21e︱ 2 = 11.5 dB TYP.
   @VCE = 10 V, IC = 20 mA, f = 1.0 GHz
• Minimum Lot-to-Lot variations for robust device
   performance and reliable operation

APPLICATIONS
• Designed for low noise amplifier at VHF, UHF and CATV
   band.




Similar Part No. - BFR92A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR92A PHILIPS-BFR92A Datasheet
118Kb / 12P
NPN 5 GHz wideband transistor
1997 Oct 29
logo
Vishay Siliconix
BFR92A VISHAY-BFR92A Datasheet
218Kb / 10P
Silicon NPN Planar RF Transistor
29-Apr-05
logo
Diodes Incorporated
BFR92A DIODES-BFR92A Datasheet
69Kb / 5P
NPN WIDEBAND TRANSISTOR
DS30031 Rev. B-5
logo
Vishay Siliconix
BFR92A VISHAY-BFR92A Datasheet
261Kb / 10P
Silicon NPN Planar RF Transistor
08-Sep-08
logo
Seme LAB
BFR92A SEME-LAB-BFR92A Datasheet
484Kb / 4P
SMALL SIGNAL NPN RF TRANSISTOR
More results


Similar Description - BFR92A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4260 ISC-2SC4260 Datasheet
152Kb / 6P
isc Silicon NPN RF Transistor
2SC4261 ISC-2SC4261 Datasheet
213Kb / 6P
isc Silicon NPN RF Transistor
BFS520 ISC-BFS520 Datasheet
195Kb / 7P
isc Silicon NPN RF Transistor
MMBR911L ISC-MMBR911L Datasheet
179Kb / 5P
isc Silicon NPN RF Transistor
MMBR941L ISC-MMBR941L Datasheet
260Kb / 9P
isc Silicon NPN RF Transistor
MMBR951L ISC-MMBR951L Datasheet
178Kb / 8P
isc Silicon NPN RF Transistor
BFG425W ISC-BFG425W Datasheet
292Kb / 2P
isc Silicon NPN RF Transistor
ISC1862 ISC-ISC1862 Datasheet
302Kb / 2P
isc Silicon NPN RF Transistor
PRF957 ISC-PRF957 Datasheet
306Kb / 2P
isc Silicon NPN RF Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com