Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THAT340S Datasheet (PDF) - List of Unclassifed Manufacturers

THAT340S Datasheet PDF - List of Unclassifed Manufacturers
Part # THAT340S
Download  THAT340S Download
File Size   91.45 Kbytes
Page   5 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Low-Noise Matched Transistor Array ICs

THAT340S Datasheet (PDF)

Go To PDF Page Download Datasheet
THAT340S Datasheet PDF - List of Unclassifed Manufacturers

Part # THAT340S
Download  THAT340S Click to download

File Size   91.45 Kbytes
Page   5 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Low-Noise Matched Transistor Array ICs

THAT340S Datasheet (HTML) - List of Unclassifed Manufacturers


THAT340S Product details

[THAT-Corporation]

DESCRIPTION
The THAT300 Series ICs are large-geometry monolithic NPN and/or PNP transistor arrays which combine low noise, high speed and excellent parametric matching between devices of the same gender. The large geometries typically result in 25 Ω base spreading resistance for the PNP devices (30 Ω for the NPNs), producing 075 . nV√Hz voltage noise ( . 0 8 nV Hz for the NPNs). This makes the 300 Series an ideal choice for low-noise amplifier input stages.

FEATURES
 • 4 Matched NPN Transistors (300)
    4 Matched PNP Transistors (320)
    2 Matched NPNs and PNPs (340)
    4 Matched NP6N - 4 Matched PNP (380)
 • Monolithic Construction
 • Low Noise
    - 075 nV/√Hz PNP
    - 0 8 nV/√Hz NPN
 • High Speed
    - fT = 350 MHz (NPN)
    - fT = 325 MHz (PNP)
 • Excellent Matching – 500 V typical
    between devices of same gender
 • Dielectrically Isolated
 • 36V VCEO

APPLICATIONS
 • Microphone Preamplifiers
 • Current Sources
 • Current Mirrors
 • Log/Antilog Amplifiers
 • Multipliers
 • Servos




Similar Part No. - THAT340S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT300S14-U ETC2-THAT300S14-U Datasheet
99Kb / 5P
4 Matched NPN Transistors
More results


Similar Description - THAT340S

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT02 AD-MAT02 Datasheet
264Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV.C
MAT03 AD-MAT03 Datasheet
254Kb / 12P
Low Noise, Matched Dual PNP Transistor
REV.B
logo
List of Unclassifed Man...
THAT120 ETC1-THAT120 Datasheet
43Kb / 2P
Quad Low-Noise PNP Transistor Array
THAT140 ETC-THAT140 Datasheet
49Kb / 4P
Quad Low-Noise NPN / PNP Transistor Array
logo
Analog Devices
MAT12 AD-MAT12 Datasheet
104Kb / 4P
Low Noise, Matched Dual Monolithic Transistor
Rev. PrA
MAT02 AD-MAT02_15 Datasheet
775Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV. E
MAT03 AD-MAT03_15 Datasheet
577Kb / 12P
Low Noise, Matched Dual PNP Transistor
REV. C
logo
Infineon Technologies A...
BFP843 INFINEON-BFP843 Datasheet
1Mb / 26P
Robust Low Noise Broadband Pre-Matched Bipolar RF Transistor
Revision 1.0, 2013-06-19
logo
Analog Devices
MAT02 AD-MAT02_17 Datasheet
274Kb / 6P
Low-noise, matched dual monolithic transistor
29-Nov-2017
MAT03 AD-MAT03_17 Datasheet
565Kb / 5P
Low Noise, Matched Dual PNP Transistor
23-Feb-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com