Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRU1176CP Datasheet (PDF) - International Rectifier

IRU1176CP Datasheet PDF - International Rectifier
Part # IRU1176CP
Download  IRU1176CP Download
File Size   46.58 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR WITH SHUTDOWN INPUT

IRU1176CP Datasheet (PDF)

Go To PDF Page Download Datasheet
IRU1176CP Datasheet PDF - International Rectifier

Part # IRU1176CP
Download  IRU1176CP Click to download

File Size   46.58 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR WITH SHUTDOWN INPUT

IRU1176CP Datasheet (HTML) - International Rectifier


IRU1176CP Product details

DESCRIPTION
The IRU1176 is a 7.5A regulator with extremely low dropout voltage using a proprietary Bipolar process that achieves comparable equivalent on resistance to that of discrete MOSFETs. The IRU1176 also provides a convenient shutdown pin that allows the regulator to be shutdown and reduce the input current consumption. Unlike the PNP type regulators this device does not have high quiescent current during the start up mode making it ideal for applications where there is limited current capability such operation from the 5V standby supply of the computer power supply. One application is the new generation of RDRAM memory that needs to provide 2.5V from 3.3V input and be able to operate from 5VSB as well.

FEATURES
■ Guaranteed <0.65V Dropout at 7.5A
■ Fast Transient Response
■ 1% Voltage Reference Initial Accuracy
■ Built-In Thermal Shutdown

APPLICATIONS
■ 3.3V to 2.7V Intel I740 Chip Set




Similar Part No. - IRU1176CP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1175 IRF-IRU1175 Datasheet
50Kb / 6P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1175CM IRF-IRU1175CM Datasheet
50Kb / 6P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1175CP IRF-IRU1175CP Datasheet
50Kb / 6P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1175CS IRF-IRU1175CS Datasheet
50Kb / 6P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
More results


Similar Description - IRU1176CP

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1075 UNISEM-US1075 Datasheet
36Kb / 5P
7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1175 UNISEM-US1175 Datasheet
35Kb / 5P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1176 UNISEM-US1176 Datasheet
35Kb / 5P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR WITH SHUTDOWN INPUT
logo
International Rectifier
IRU1075 IRF-IRU1075 Datasheet
94Kb / 6P
7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1175 IRF-IRU1175 Datasheet
50Kb / 6P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Microsemi Corporation
LX8580A MICROSEMI-LX8580A Datasheet
172Kb / 8P
7.5A Very Low Dropout Positive Regulator
logo
Linear Technology
RH1083CK LINER-RH1083CK Datasheet
162Kb / 2P
7.5A Low Dropout Positive Adjustable Regulator
RH1083M LINER-RH1083M Datasheet
92Kb / 4P
7.5A Low Dropout Positive Adjustable Regulator
RH1083CK LINER-RH1083CK_15 Datasheet
168Kb / 2P
7.5A Low Dropout Positive Adjustable Regulator
RH1083M LINER-RH1083M_15 Datasheet
98Kb / 4P
7.5A Low Dropout Positive Adjustable Regulator
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com