Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD40DPUR Datasheet (PDF) - STMicroelectronics

STLD40DPUR Datasheet PDF - STMicroelectronics
Part # STLD40DPUR
Download  STLD40DPUR Download
File Size   345.62 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description White LED power supply for large display backlight

STLD40DPUR Datasheet (PDF)

Go To PDF Page Download Datasheet
STLD40DPUR Datasheet PDF - STMicroelectronics

Part # STLD40DPUR
Download  STLD40DPUR Click to download

File Size   345.62 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description White LED power supply for large display backlight

STLD40DPUR Datasheet (HTML) - STMicroelectronics


STLD40DPUR Product details

Description
STLD40D is a boost converter that operates from 3.0 V to 5.5 V. It can provide an output voltage as high as 37 V and can drive up to 10 white LEDs in series. The converter is a PFM (pulse frequency modulation) inductor switch that can work in discontinuous (DCM) mode operation. A minimum OFF time of the embedded boost switch TSW is fixed internally and allows limiting the switching frequency. The output current capability is 20 mA with an output voltage of 37 V. The regulation is done by sensing the LED current through the resistor RLED. The device can be turned ON/OFF through the logic enable signal pin EN. By applying a low frequency PWM signal the LEDs can be dimmed. The maximum peak inductor current can be programmed by connected a resistor RSET to the pin RSET. QFN8 (3 x 3 mm)

Features
■ Inductor switches boost controller
■ PFM mode control
■ High efficiency over wide range of input voltage from 3.0 V to 5.5 V
■ Over voltage protection with automatic restart
■ Adjustable peak current limit
■ Enable pin with possibility of PWM dimming control
■ Low shutdown current < 1 µA
■ Small external component
■ Good load and line regulation
■ QFN8 3 x 3 mm

Applications
■ White LED supply for LCD backlight
■ Mobile phone
■ PDA and organizers
■ Any handsets powered form 3.0 V to 5.5 V




Similar Part No. - STLD40DPUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLD40DPMR STMICROELECTRONICS-STLD40DPMR Datasheet
306Kb / 14P
White led power supply for large display backlight
04-Apr-2006
More results


Similar Description - STLD40DPUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLD40D STMICROELECTRONICS-STLD40D Datasheet
306Kb / 14P
White led power supply for large display backlight
04-Apr-2006
logo
Micro Electronics
ME4839W MICRO-ELECTRONICS-ME4839W Datasheet
67Kb / 2P
WHITE SIDE BACKLIGHT FOR LCD DISPLAY
logo
New Japan Radio
NJW4600 NJRC-NJW4600 Datasheet
190Kb / 2P
White LED Driver for Backlight
NJW4603 NJRC-NJW4603 Datasheet
189Kb / 2P
White LED Driver for Backlight
logo
Rohm
BD9267KUT ROHM-BD9267KUT Datasheet
967Kb / 31P
White LED Diver for Backlight of Medium/Large-sized LCDs
logo
STMicroelectronics
STLA02PUR STMICROELECTRONICS-STLA02PUR Datasheet
732Kb / 23P
White LED driver for display backlight
February 2011 Rev 1
AN2333 STMICROELECTRONICS-AN2333 Datasheet
364Kb / 9P
White LED power supply for large display backlight
01-Jun-2011
STLD41 STMICROELECTRONICS-STLD41 Datasheet
788Kb / 19P
White LED driver for mid-size LCD display backlight
27-Jun-2012
logo
Rohm
BD8119FM-M ROHM-BD8119FM-M_14 Datasheet
2Mb / 31P
White Backlight LED Driver For Medium to Large LCD Panels
BD9271KUT ROHM-BD9271KUT Datasheet
1Mb / 38P
White LED Diver for Backlight of Medium/Large-sized LCDs
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com