Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD40DPUR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLD40DPUR
Description  White LED power supply for large display backlight
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD40DPUR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLD40DPUR Datasheet HTML 5Page - STMicroelectronics STLD40DPUR Datasheet HTML 6Page - STMicroelectronics STLD40DPUR Datasheet HTML 7Page - STMicroelectronics STLD40DPUR Datasheet HTML 8Page - STMicroelectronics STLD40DPUR Datasheet HTML 9Page - STMicroelectronics STLD40DPUR Datasheet HTML 10Page - STMicroelectronics STLD40DPUR Datasheet HTML 11Page - STMicroelectronics STLD40DPUR Datasheet HTML 12Page - STMicroelectronics STLD40DPUR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
STLD40D
Typical performance characteristics
Doc ID 12203 Rev 7
9/16
7
Typical performance characteristics
VI = 3.6 V, VEN = 3 V, CI = 2.2 µF, CO = 4.7 µF, L = 4.7 µH, RLED = 8 Ω VO = 32 V, 10 W LEDs
load (VO = 32 V) typ. values @ 25 °C, unless otherwise specified.
Figure 4.
ILED vs. RLED
Figure 5.
ILED vs. VI
Figure 6.
IQ vs. temperature
Figure 7.
ISD vs. VI
Figure 8.
RDSON vs.VI
Figure 9.
ILIMIT vs. RSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com