Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD40DPUR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLD40DPUR
Description  White LED power supply for large display backlight
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD40DPUR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLD40DPUR Datasheet HTML 3Page - STMicroelectronics STLD40DPUR Datasheet HTML 4Page - STMicroelectronics STLD40DPUR Datasheet HTML 5Page - STMicroelectronics STLD40DPUR Datasheet HTML 6Page - STMicroelectronics STLD40DPUR Datasheet HTML 7Page - STMicroelectronics STLD40DPUR Datasheet HTML 8Page - STMicroelectronics STLD40DPUR Datasheet HTML 9Page - STMicroelectronics STLD40DPUR Datasheet HTML 10Page - STMicroelectronics STLD40DPUR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
STLD40D
Functional description
Doc ID 12203 Rev 7
7/16
5
Functional description
5.1
Boost controller
The STLD40D is a boost converter operating in PFM (pulsed frequency modulation) mode.
The converter monitors the LED current through the resistor RLED and when the feedback
voltage falls below the reference voltage REF2, the boost switch TSW turns ON and the
current ramps up. The inductor current is measured by sensing the temperature
compensated drain voltage of the boost MOSFET. The boost turns off when its drain voltage
reaches the internally reference REF1, the main switch remains off until the minimum off
time (250 ns typical) has passed and the feedback voltage is below the reference again. A
maximum ON time of 4 µs typical prevents the switch TSW to stay ON during a too long
period of time.
5.2
Adjustable peak inductor current limit
The peak inductor current is monitored by sensing the drain voltage of the switch TSW. Since
it exceeds the temperature compensated and supply voltage compensated reference REF1,
the RS flip flop is reset and TSW is turned OFF. By connecting a resistance to the pin RSET
the peak current limit can be adjusted from 200 mA to 1 A. When RSET resistor value is
about 12 kΩ is connected directly to GND, the default value is 1 A.
5.3
Enable
The ENABLE pin is a high logic input signal and allows turning on/off the controller without
cutting the input voltage from the boost regulator circuit. The pin ENABLE can be used to
dim the LED by applying a low frequency PWM signal.
5.4
OVP
If the regulation loop is cut, there is no signal at the feedback pin, the PFM controller will then
continue to switch without control and generate an output voltage at the SW, and VO pin
exceeding the breakdown value VBSW, and VBO.
The over voltage protection (OVP) senses the voltage at the VO pin. When the voltage
exceed 38 V min. the controller is automatically turned OFF.
A hysteresis control allows the device restarting automatically since the output voltage drops
down of 1.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com