Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD40DPUR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLD40DPUR
Description  White LED power supply for large display backlight
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD40DPUR Datasheet(HTML) 1 Page - STMicroelectronics

  STLD40DPUR Datasheet HTML 1Page - STMicroelectronics STLD40DPUR Datasheet HTML 2Page - STMicroelectronics STLD40DPUR Datasheet HTML 3Page - STMicroelectronics STLD40DPUR Datasheet HTML 4Page - STMicroelectronics STLD40DPUR Datasheet HTML 5Page - STMicroelectronics STLD40DPUR Datasheet HTML 6Page - STMicroelectronics STLD40DPUR Datasheet HTML 7Page - STMicroelectronics STLD40DPUR Datasheet HTML 8Page - STMicroelectronics STLD40DPUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
May 2011
Doc ID 12203 Rev 7
1/16
16
STLD40D
White LED power supply for large display backlight
Features
Inductor switches boost controller
PFM mode control
High efficiency over wide range of input voltage
from 3.0 V to 5.5 V
Over voltage protection with automatic restart
Adjustable peak current limit
Enable pin with possibility of PWM dimming
control
Low shutdown current < 1 µA
Small external component
Good load and line regulation
QFN8 3 x 3 mm
Applications
White LED supply for LCD backlight
Mobile phone
PDA and organizers
Any handsets powered form 3.0 V to 5.5 V
Description
STLD40D is a boost converter that operates from
3.0 V to 5.5 V. It can provide an output voltage as
high as 37 V and can drive up to 10 white LEDs in
series. The converter is a PFM (pulse frequency
modulation) inductor switch that can work in
discontinuous (DCM) mode operation. A minimum
OFF time of the embedded boost switch TSW is
fixed internally and allows limiting the switching
frequency. The output current capability is 20 mA
with an output voltage of 37 V. The regulation is
done by sensing the LED current through the
resistor RLED. The device can be turned ON/OFF
through the logic enable signal pin EN. By
applying a low frequency PWM signal the LEDs
can be dimmed. The maximum peak inductor
current can be programmed by connected a
resistor RSET to the pin RSET.
QFN8 (3 x 3 mm)
Table 1.
Device summary
Order code
Package
Packaging
STLD40DPUR
QFN8 (3 x 3 mm)
3000 parts per reel
www.st.com


Similar Part No. - STLD40DPUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLD40DPMR STMICROELECTRONICS-STLD40DPMR Datasheet
306Kb / 14P
White led power supply for large display backlight
04-Apr-2006
More results

Similar Description - STLD40DPUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLD40D STMICROELECTRONICS-STLD40D Datasheet
306Kb / 14P
White led power supply for large display backlight
04-Apr-2006
logo
Micro Electronics
ME4839W MICRO-ELECTRONICS-ME4839W Datasheet
67Kb / 2P
WHITE SIDE BACKLIGHT FOR LCD DISPLAY
logo
New Japan Radio
NJW4600 NJRC-NJW4600 Datasheet
190Kb / 2P
White LED Driver for Backlight
NJW4603 NJRC-NJW4603 Datasheet
189Kb / 2P
White LED Driver for Backlight
logo
Rohm
BD9267KUT ROHM-BD9267KUT Datasheet
967Kb / 31P
White LED Diver for Backlight of Medium/Large-sized LCDs
logo
STMicroelectronics
STLA02PUR STMICROELECTRONICS-STLA02PUR Datasheet
732Kb / 23P
White LED driver for display backlight
February 2011 Rev 1
AN2333 STMICROELECTRONICS-AN2333 Datasheet
364Kb / 9P
White LED power supply for large display backlight
01-Jun-2011
STLD41 STMICROELECTRONICS-STLD41 Datasheet
788Kb / 19P
White LED driver for mid-size LCD display backlight
27-Jun-2012
logo
Rohm
BD8119FM-M ROHM-BD8119FM-M_14 Datasheet
2Mb / 31P
White Backlight LED Driver For Medium to Large LCD Panels
BD9271KUT ROHM-BD9271KUT Datasheet
1Mb / 38P
White LED Diver for Backlight of Medium/Large-sized LCDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com