Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358W Datasheet (PDF) - STMicroelectronics

LM358W Datasheet PDF - STMicroelectronics
Part # LM358W
Download  LM358W Download
File Size   300.64 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low Power Dual Operational Amplifiers

LM358W Datasheet (PDF)

Go To PDF Page Download Datasheet
LM358W Datasheet PDF - STMicroelectronics

Part # LM358W
Download  LM358W Click to download

File Size   300.64 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low Power Dual Operational Amplifiers

LM358W Datasheet (HTML) - STMicroelectronics


LM358W Product details

Description

These circuits consist of two independent, high gain, internally frequency-compensated which were designed specifically to operate from a single power supply over a wide range of voltages. The low power supply drain is independent of the magnitude of the power supply voltage.

Application areas include transducer amplifiers, DC gain blocks and all the conventional op-amp circuits which now can be more easily implemented in single power supply systems. For example, these circuits can be directly supplied with the standard +5 V which is used in logic systems and will easily provide the required interface electronics without requiring any additional power supply.



Features

■ Internally frequency compensated

■ Large DC voltage gain: 100 dB

■ Wide bandwidth (unity gain): 1.1 MHz (temperature compensated)

■ Very low supply current per operator essentially independent of supply voltage

■ Low input bias current: 20 nA (temperature compensated)

■ Low input offset voltage: 2 mV

■ Low input offset current: 2 nA

■ Input common-mode voltage range includes ground

■ Differential input voltage range equal to the power supply voltage

■ Large output voltage swing 0 V to VCC+- 1.5 V

■ ESD internal protection: 1.5 kV



 




Similar Part No. - LM358W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM358W STMICROELECTRONICS-LM358W Datasheet
326Kb / 18P
Low power dual operational amplifiers
11-Feb-2008
LM358WD STMICROELECTRONICS-LM358WD Datasheet
307Kb / 20P
Low power dual operational amplifiers
25-Apr-2007
LM358WD STMICROELECTRONICS-LM358WD Datasheet
326Kb / 18P
Low power dual operational amplifiers
11-Feb-2008
logo
Rohm
LM358WDR ROHM-LM358WDR Datasheet
974Kb / 18P
SIGNATURE SERIES Operational Amplifiers
2011.06 - Rev.B
LM358WDT ROHM-LM358WDT Datasheet
354Kb / 6P
SILICON MONNOLITHIC INTEGRATED CIRCUIT
More results


Similar Description - LM358W

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
Low Power Dual Operational Amplifiers
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
Low power dual operational amplifiers
25-Apr-2007
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
Low power dual operational amplifiers
11-Feb-2008
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
Low Power Dual Operational Amplifiers
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com