Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358W Datasheet(PDF) 6 Page - STMicroelectronics

Part # LM358W
Description  Low Power Dual Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM358W Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LM358W Datasheet HTML 2Page - STMicroelectronics LM358W Datasheet HTML 3Page - STMicroelectronics LM358W Datasheet HTML 4Page - STMicroelectronics LM358W Datasheet HTML 5Page - STMicroelectronics LM358W Datasheet HTML 6Page - STMicroelectronics LM358W Datasheet HTML 7Page - STMicroelectronics LM358W Datasheet HTML 8Page - STMicroelectronics LM358W Datasheet HTML 9Page - STMicroelectronics LM358W Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical Characteristics
LM358W-LM358AW
6/16
VOPP
Output Voltage Swing ( RL = 2kΩ)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
0
0
VCC
+ -1.5
VCC
+ -2
0
0
VCC
+ -1.5
VCC
+ -2
VOH
High Level Output Voltage (VCC
+ = 30V)
Tamb = +25°C, RL = 2kΩ
Tmin ≤ Tamb ≤ Tmax
Tamb = +25°C, RL = 10kΩ
Tmin ≤ Tamb ≤ Tmax
26
26
27
27
27
28
26
26
27
27
27
28
V
VOL
Low Level Output Voltage (RL = 10kΩ)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
520
20
520
20
mV
SR
Slew Rate
VCC = 15V, Vi = 0.5 to 3V, RL = 2kΩ,
CL = 100pF, unity Gain
0.3
0.6
0.3
0.6
V/
µs
GBP
Gain Bandwidth Product
VCC = 30V, f =100kHz,Vin = 10mV, RL = 2kΩ,
CL = 100pF
0.7
1.1
0.7
1.1
MHz
THD
Total Harmonic Distortion
f = 1kHz, Av = 20dB, RL = 2kΩ, Vo = 2Vpp,
CL = 100pF, VO = 2Vpp
0.02
0.02
%
en
Equivalent Input Noise Voltage
f = 1kHz, Rs = 100Ω, VCC = 30V
55
55
DVio
Input Offset Voltage Drift
7
15
7
30
µV/
°C
DIIio
Input Offset Current Drift
10
200
10
300
pA/
°C
Vo1/Vo2
Channel Separation - note (4)
1kHz
≤ f ≤ 20kHZ
120
120
dB
1.
Vo = 1.4V, Rs = 0Ω, 5V < VCC
+ < 30V, 0 < V
ic < VCC
+ - 1.5V
2.
The direction of the input current is out of the IC. This current is essentially constant, independent of the state of the output
so no loading change exists on the input lines.
3.
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V. The
upper end of the common-mode voltage range is VCC
+ - 1.5V, but either or both inputs can go to +32V without damage.
4.
Due to the proximity of external components insure that coupling is not originating via stray capacitance between these
external parts. This typically can be detected as this type of capacitance increases at higher frequences.
Table 2.
VCC
+ = +5V, V
CC
-= Ground, V
o = 1.4V, Tamb = +25°C (unless otherwise specified)
Symbol
Parameter
LM158AW-LM258AW
LM358AW
LM158W-LM258W
LM358W
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com