Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358W Datasheet(PDF) 3 Page - STMicroelectronics

Part # LM358W
Description  Low Power Dual Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM358W Datasheet(HTML) 3 Page - STMicroelectronics

  LM358W Datasheet HTML 1Page - STMicroelectronics LM358W Datasheet HTML 2Page - STMicroelectronics LM358W Datasheet HTML 3Page - STMicroelectronics LM358W Datasheet HTML 4Page - STMicroelectronics LM358W Datasheet HTML 5Page - STMicroelectronics LM358W Datasheet HTML 6Page - STMicroelectronics LM358W Datasheet HTML 7Page - STMicroelectronics LM358W Datasheet HTML 8Page - STMicroelectronics LM358W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LM358W-LM358AW
Absolute Maximum Ratings
3/16
1
Absolute Maximum Ratings
Table 1.
Key parameters and their absolute maximum ratings
Symbol
Parameter
LM158W,AW LM258W,AW LM358W,AW
Unit
VCC
Supply voltage
+32
V
Vi
Input Voltage
-0.3 to +32
V
Vid
Differential Input Voltage
+32
V
Ptot
Power Dissipation (1)
1.
Power dissipation must be considered to ensure maximum junction temperature (Tj) is not exceeded.
500
mW
Output Short-circuit Duration (2)
2.
Short-circuits from the output to VCC can cause excessive heating if VCC > 15V. The maximum output current is
approximately 40mA independent of the magnitude of VCC. Destructive dissipation can result from
simultaneous short-circuit on all amplifiers.
Infinite
Iin
Input Current (3)
3.
This input current only exists when the voltage at any of the input leads is driven negative. It is due to the
collector-base junction of the input PNP transistor becoming forward biased and thereby acting as input diodes
clamps. In addition to this diode action, there is also NPN parasitic action on the IC chip. this transistor action
can cause the output voltages of the Op-amps to go to the VCC voltage level (or to ground for a large overdrive)
for the time duration than an input is driven negative. This is not destructive and normal output will set up again
for input voltage higher than -0.3V.
50
mA
Toper
Operating Free-air Temperature Range
-55 to +125
-40 to +105
0 to +70
°C
Tstg
Storage Temperature Range
-65 to +150
°C
ESD
HBM: Human Body Model(4)
4.
Human body model, 100pF discharged through a 1.5k
Ω resistor into pin of device.
1.5
kV
MM: Machine Model(5)
5.
Machine model ESD, a 200pF cap is charged to the specified voltage, then discharged directly into the IC with
no external series resistor (internal resistor < 5
Ω), into pin to pin of device.
200
V
CDM: Charged Device Model
1.5
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com