Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358W Datasheet(PDF) 10 Page - STMicroelectronics

Part # LM358W
Description  Low Power Dual Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM358W Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LM358W Datasheet HTML 6Page - STMicroelectronics LM358W Datasheet HTML 7Page - STMicroelectronics LM358W Datasheet HTML 8Page - STMicroelectronics LM358W Datasheet HTML 9Page - STMicroelectronics LM358W Datasheet HTML 10Page - STMicroelectronics LM358W Datasheet HTML 11Page - STMicroelectronics LM358W Datasheet HTML 12Page - STMicroelectronics LM358W Datasheet HTML 13Page - STMicroelectronics LM358W Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Typical Applications
LM358W-LM358AW
10/16
4
Typical Applications
(single supply voltage) Vcc = +5Vdc
Figure 18. AC coupled inverting amplifier
Figure 19. Non-inverting DC amplifier
Figure 20. AC coupled non-inverting amplifier
Figure 21. DC summing amplifier
Figure 22. High input Z, DC differential amplifier Figure 23. High input Z adjustable gain DC
instrumentation amplifier
1/2
LM158
~
0
2VPP
R
10k
W
L
Co
eo
R
6.2k
W
B
R
100k
W
f
R1
10k
W
CI
eI
VCC
R2
100k
W
C1
10mF
R3
100k
W
A= -
R
R1
V
f
(as shown A
= -10)
V
R1
10k
W
R2
1M
W
1/2
LM158
10k
W
e I
e
O
+5V
(mV)
0
AV=1 +
R2
R1
(As shown
= 101)
A
V
1/2
LM158
~
0
2VPP
R
10k
W
L
Co
eo
R
6.2k
W
B
C1
0.1
mF
eI
VCC
(as shown A
= 11)
V
A =1+ R2
R1
V
R1
100k
W
R2
1M
W
CI
R3
1M
W
R4
100k
W
R5
100k
W
C2
10mF
1/2
LM158
e
O
e
4
e
3
e
2
e
1
100k
W
100k
W
100k
W
100k
W
100k
W
100k
W
eo = e1 + e2 - e3 - e4
where (e1 + e2) ≥ (e3 + e4)
to keep eo ≥ 0V
R1
100k
W
R2
100k
W
R4
100k
W
R3
100k
W
+V2
+V1
Vo
1/2
LM158
1/2
LM158
if R1 = R5 and R3 = R4 = R6 = R7
eo = [1 +
] ( (e2 + e1)
As shown eo = 101 (e2 + e1)
2R1
R2
-----------
R3
100k
W
e
O
1/2
LM158
R1
100k
W
e
1
R7
100k
W
R6
100k
W
R5
100k
W
e
2
R2
2k
W
Gain adjust
R4
100k
W
1/2
LM158
1/2
LM158
if R1 = R5 and
R3 = R4 = R6 = R7
eo = [ 1 +
] ( (e2 + e1)
As shown eo = 101 (e2 + e1)
2R1
R2
-----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com