Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7969YD2 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC7969YD2 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC7969YD2
Download  VSC7969YD2 Download
File Size   170.2 Kbytes
Page   14 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 3.125Gb/s Integrated Transimpedance and Limiting Amplifier with Signal Detect

VSC7969YD2 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC7969YD2 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC7969YD2
Download  VSC7969YD2 Click to download

File Size   170.2 Kbytes
Page   14 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 3.125Gb/s Integrated Transimpedance and Limiting Amplifier with Signal Detect

VSC7969YD2 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC7969YD2 Product details

General Description

The VSC7969 is a 3.125Gb/s transimpedance amplifier IC with a built-in limiting amplifier, a signal detect feature and a photocurrent monitor. The VSC7969 does not require any external electrical components in the construction of a high performance optical receiver such as for SONET/SDH applications. The analog output is

a differential signal with a minimum amplitude of 200mVp-p (single-ended). The VSC7969 operates with a sin

gle power supply with a maximum power dissipation of 300mW. A PIN photodiode or APD can be connected

and separately biased to provide optimal performance.



Features

• Integrated TIA and Limiting Amplifier

•Low Power Consumption for SFF Applications

•TO Package-Compatible Layout

•On-Chip Signal Detect

•On-Chip Linear Photocurrent Monitor

•Single 3.3V Supply

•5V Supply Operation via Wirebond Option

•Compatible with PIN or Avalanche Detectors

•Packages: 16-Pin TSSOP, TO-46, Bare Die



 Applications

•2.488Gb/s, 3.125Gb/s SONET OC-48/SDH STM-16

•2.125Gb/s Fibre Channel

•2.5Gb/s or 3.125Gb/s Ethernet Applications with 8B/10B Overhead

•SFF Transceivers




Similar Part No. - VSC7969YD2

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7961 VITESSE-VSC7961 Datasheet
95Kb / 10P
3.125Gb/s PECL Limiting Amplifier with LOS Detect
VSC7961W VITESSE-VSC7961W Datasheet
95Kb / 10P
3.125Gb/s PECL Limiting Amplifier with LOS Detect
VSC7961YD VITESSE-VSC7961YD Datasheet
95Kb / 10P
3.125Gb/s PECL Limiting Amplifier with LOS Detect
VSC7964 VITESSE-VSC7964 Datasheet
525Kb / 2P
1/2/4 Gbps Integrated VCSEL Driver and Limiting Amplifier
VSC7965 VITESSE-VSC7965 Datasheet
1Mb / 2P
PON Integrated 155 Mbps to 1.25 Gbps Burst-mode Laser Driver and Limiting Amplifier
More results


Similar Description - VSC7969YD2

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88943V MICREL-SY88943V Datasheet
71Kb / 8P
5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
logo
Vitesse Semiconductor C...
VSC7959 VITESSE-VSC7959 Datasheet
96Kb / 10P
3.125Gb/s CML Limiting Amplifier with LOS Detect
VSC7961 VITESSE-VSC7961 Datasheet
95Kb / 10P
3.125Gb/s PECL Limiting Amplifier with LOS Detect
logo
Micrel Semiconductor
SY88943V MICREL-SY88943V_05 Datasheet
53Kb / 6P
5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
logo
Texas Instruments
ONET8531T TI-ONET8531T Datasheet
387Kb / 15P
11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8501T TI-ONET8501T Datasheet
396Kb / 15P
11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8541T TI1-ONET8541T Datasheet
485Kb / 16P
11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8551T TI1-ONET8551T Datasheet
483Kb / 16P
11.3-Gbps Limiting Transimpedance Amplifier With RSSI
logo
TriQuint Semiconductor
TIA56 TRIQUINT-TIA56_15 Datasheet
259Kb / 1P
43 Gb/s Limiting Transimpedance Amplifier
TIA56A TRIQUINT-TIA56A_15 Datasheet
261Kb / 1P
43 Gb/s Limiting Transimpedance Amplifier with PLD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com