Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0464BA02647S Datasheet (PDF) - Integrated Device Technology

SF0464BA02647S Datasheet PDF - Integrated Device Technology
Part # SF0464BA02647S
Download  SF0464BA02647S Download
File Size   183.65 Kbytes
Page   5 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Miniature 464 MHz SAW Filter with 5.68 MHz bandwidth

SF0464BA02647S Datasheet (PDF)

Go To PDF Page Download Datasheet
SF0464BA02647S Datasheet PDF - Integrated Device Technology

Part # SF0464BA02647S
Download  SF0464BA02647S Click to download

File Size   183.65 Kbytes
Page   5 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Miniature 464 MHz SAW Filter with 5.68 MHz bandwidth

SF0464BA02647S Datasheet (HTML) - Integrated Device Technology




Similar Part No. - SF0464BA02647S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0400BA02375S ICST-SF0400BA02375S Datasheet
95Kb / 2P
400 MHz SAW Bandpass Filter
Rev X3
logo
Spectrum Microwave, Inc...
SF0400BA02375S SPECTRUM-SF0400BA02375S Datasheet
148Kb / 3P
400 MHz SAW Filter 55 MHz Bandwidth
logo
API Technologies Corp
SF0400BA02375S APITECH-SF0400BA02375S Datasheet
148Kb / 3P
400 MHz SAW Filter 55 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0400BA02520S ICST-SF0400BA02520S Datasheet
95Kb / 2P
400 MHz IF SAW Filter 160 KHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0400BA02520S SPECTRUM-SF0400BA02520S Datasheet
204Kb / 4P
400 MHz SAW Filter 300 KHz bandwidth
More results


Similar Description - SF0464BA02647S

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1088A TAI-SAW-TA1088A Datasheet
408Kb / 6P
SAW Filter 464 MHz
logo
API Technologies Corp
079890-514 APITECH-079890-514 Datasheet
838Kb / 3P
304 MHz SAW Bandpass Filter with 4 MHz bandwidth
074949-518 APITECH-074949-518 Datasheet
129Kb / 3P
68.256 MHz SAW bandpass filter with 2.4 MHz bandwidth.
logo
Spectrum Microwave, Inc...
SF00325BA02642S SPECTRUM-SF00325BA02642S Datasheet
176Kb / 3P
325 MHz SAW bandpass filter with 10 MHz bandwidth
SF0325BA02633S SPECTRUM-SF0325BA02633S Datasheet
400Kb / 3P
Miniature 325 MHz SAW Filter with a 12 MHz typical 3dB bandwidth
SF0325BA02646S SPECTRUM-SF0325BA02646S Datasheet
155Kb / 4P
Miniature 325 MHz SAW Filter with 6.7 MHz bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0459A TAI-SAW-TB0459A Datasheet
225Kb / 8P
IF SAW Filter 464 MHz(SMD 7.0X5.0mm)
TB0472A TAI-SAW-TB0472A Datasheet
145Kb / 7P
SAW Filter 464 MHz SMD 7.0mmX5.0mm
TB0575A TAI-SAW-TB0575A Datasheet
321Kb / 7P
SAW Filter 464 MHz SMD 7.0mmX5.0mm
logo
TriQuint Semiconductor
856623 TRIQUINT-856623_15 Datasheet
402Kb / 5P
464 MHz SAW Filter
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com