Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5740-EVALZ-185 Datasheet (PDF) - Analog Devices

ADRF5740-EVALZ-185 Datasheet PDF - Analog Devices
Part # ADRF5740-EVALZ-185
Download  ADRF5740-EVALZ-185 Download
File Size   325.79 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2 dB LSB, 4-Bit, Silicon Digital Attenuator, 10 MHz to 60 GHz

ADRF5740-EVALZ-185 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF5740-EVALZ-185 Datasheet PDF - Analog Devices

Part # ADRF5740-EVALZ-185
Download  ADRF5740-EVALZ-185 Click to download

File Size   325.79 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2 dB LSB, 4-Bit, Silicon Digital Attenuator, 10 MHz to 60 GHz

ADRF5740-EVALZ-185 Datasheet (HTML) - Analog Devices




Similar Part No. - ADRF5740-EVALZ-185

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5700 AD-ADRF5700 Datasheet
1Mb / 16P
46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
Rev. 0
ADRF5700BCCZN AD-ADRF5700BCCZN Datasheet
1Mb / 16P
46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
Rev. 0
ADRF5700BCCZN-R7 AD-ADRF5700BCCZN-R7 Datasheet
1Mb / 16P
46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
Rev. 0
ADRF5702 AD-ADRF5702 Datasheet
2Mb / 27P
Silicon Digital Attenuator, 0.125dB LSB, 8-Bit, 50MHz to 20GHz
Rev. A
ADRF5702BCCZN AD-ADRF5702BCCZN Datasheet
2Mb / 27P
Silicon Digital Attenuator, 0.125dB LSB, 8-Bit, 50MHz to 20GHz
Rev. A
More results


Similar Description - ADRF5740-EVALZ-185

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA210-25 ALPHA-AA210-25 Datasheet
38Kb / 2P
GaAs IC 4 Bit Digital Attenuator 1 dB LSB DC-2 GHz
AA220-25 ALPHA-AA220-25 Datasheet
38Kb / 2P
GaAs IC 4 Bit Digital Attenuator 2 dB LSB DC-2 GHz
logo
Hittite Microwave Corpo...
HMC291 HITTITE-HMC291 Datasheet
146Kb / 6P
4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
logo
Skyworks Solutions Inc.
AA100-59LF SKYWORKS-AA100-59LF Datasheet
187Kb / 4P
GaAs 3 Bit Digital Attenuator, 4 dB LSB 0.75-2 GHz
SKY12324-73 SKYWORKS-SKY12324-73 Datasheet
264Kb / 6P
GaAs IC 2-Bit Digital Attenuator 4 dB LSB 0.5-4 GHz
logo
Hittite Microwave Corpo...
HMC291 HITTITE-HMC291_08 Datasheet
205Kb / 6P
4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
logo
Analog Devices
HMC1122 AD-HMC1122 Datasheet
612Kb / 15P
0.1 GHz to 6.0 GHz, 0.5 dB LSB, 6-Bit, Silicon Digital Attenuator
REV. 0
ADRF5731 AD-ADRF5731 Datasheet
506Kb / 17P
2 dB LSB, 4-Bit, Silicon Digital Attenuator,
9/2018-Revision 0
ADRF5474 AD-ADRF5474 Datasheet
2Mb / 14P
Die on Carrier, Silicon Digital Attenuator, 2 dB LSB, 4-Bit, 10 MHz to 60 GHz
Rev. 0
ADRF5700 AD-ADRF5700 Datasheet
1Mb / 16P
46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com