Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP12AB11 Datasheet (PDF) - Vishay Siliconix

LP12AB11 Datasheet PDF - Vishay Siliconix
Part # LP12AB11
Download  LP12AB11 Download
File Size   291.38 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description IHLP® Commercial Inductors, Low DCR Series

LP12AB11 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP12AB11 Datasheet PDF - Vishay Siliconix

Part # LP12AB11
Download  LP12AB11 Click to download

File Size   291.38 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description IHLP® Commercial Inductors, Low DCR Series

LP12AB11 Datasheet (HTML) - Vishay Siliconix


LP12AB11 Product details

• Shielded construction
• Excellent DC/DC energy storage up to 1 MHz to
2 MHz. Filter inductor applications up to SRF
(see “Standard Electrical Specifications” table)
• Lowest DCR/μH, in this package size
• Handles high transient current spikes without
saturation
• Ultra low buzz noise, due to composite construction




Similar Part No. - LP12AB11

ManufacturerPart #DatasheetDescription
logo
Altech corporation
LP12 ALTECH-LP12 Datasheet
455Kb / 1P
30 mm Legend Plates LPxxx (xxx= Title)
logo
RCD COMPONENTS INC.
LP12-1000F RCD-LP12-1000F Datasheet
38Kb / 1P
TEMPERATURE SENSITIVE METAL FILM RESISTORS TC?셎 FROM 150 TO 7000 PPM
LP12-1000G RCD-LP12-1000G Datasheet
38Kb / 1P
TEMPERATURE SENSITIVE METAL FILM RESISTORS TC?셎 FROM 150 TO 7000 PPM
LP12-1000J RCD-LP12-1000J Datasheet
38Kb / 1P
TEMPERATURE SENSITIVE METAL FILM RESISTORS TC?셎 FROM 150 TO 7000 PPM
LP12-1000K RCD-LP12-1000K Datasheet
38Kb / 1P
TEMPERATURE SENSITIVE METAL FILM RESISTORS TC?셎 FROM 150 TO 7000 PPM
More results


Similar Description - LP12AB11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP-1212AB-11 VISHAY-IHLP-1212AB-11_17 Datasheet
292Kb / 4P
IHLP® Commercial Inductors, Low DCR Series
12-Oct-17
IHLP-1212AE-11 VISHAY-IHLP-1212AE-11_17 Datasheet
150Kb / 3P
IHLP® Commercial Inductors, Low DCR Series
12-Oct-17
IHLP-1212AE-11 VISHAY-IHLP-1212AE-11_V01 Datasheet
356Kb / 4P
IHLP® Commercial Inductors, Low DCR Series
11-Jan-2021
IHLP-1212BZ-11 VISHAY-IHLP-1212BZ-11_V01 Datasheet
192Kb / 6P
IHLP® Commercial Inductors, Low DCR Series
12-Oct-17
IHLP-2020CZ-11 VISHAY-IHLP-2020CZ-11_V01 Datasheet
744Kb / 6P
IHLP® Commercial Inductors, Low DCR Series
24-Jan-2022
IHLP-2525CZ-11 VISHAY-IHLP-2525CZ-11_V01 Datasheet
345Kb / 6P
IHLP® Commercial Inductors, Low DCR Series
13-Oct-2020
IHLP-3232CZ-11 VISHAY-IHLP-3232CZ-11_V01 Datasheet
305Kb / 6P
IHLP® Commercial Inductors, Low DCR Series
04-Jun-2019
IHLP-3232DZ-11 VISHAY-IHLP-3232DZ-11_V01 Datasheet
316Kb / 6P
IHLP® Commercial Inductors, Low DCR Series
26-Jun-2020
IHLP-1616AB-11 VISHAY-IHLP-1616AB-11_V01 Datasheet
206Kb / 4P
IHLP® Commercial Inductors, Low DCR Series
12-Oct-17
IHLP-6767DZ-11 VISHAY-IHLP-6767DZ-11_V01 Datasheet
282Kb / 6P
IHLP® Commercial Inductors, Low DCR Series
15-Aug-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com