Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP12AB11 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LP12AB11
Description  IHLP® Commercial Inductors, Low DCR Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LP12AB11 Datasheet(HTML) 1 Page - Vishay Siliconix

  LP12AB11 Datasheet HTML 1Page - Vishay Siliconix LP12AB11 Datasheet HTML 2Page - Vishay Siliconix LP12AB11 Datasheet HTML 3Page - Vishay Siliconix LP12AB11 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IHLP-1212AB-11
www.vishay.com
Vishay Dale
Revision: 12-Oct-17
1
Document Number: 34299
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IHLP® Commercial Inductors, Low DCR Series
DESIGN SUPPORT TOOLS click logo to get started
Notes
• All test data is referenced to 25 °C ambient
• Operating temperature range -55 °C to +125 °C
• The part temperature (ambient + temp. rise) should not exceed
125 °C under worst case operating conditions. Circuit design,
component placement, PWB trace size and thickness, airflow
and other cooling provisions all affect the part temperature. Part
temperature should be verified in the end application.
• Rated operating voltage (across inductor) = 40 V
(1) DC current (A) that will cause an approximate
T of 40 °C
(2) DC current (A) that will cause L0 to drop approximately 20 %
FEATURES
• Shielded construction
• Excellent DC/DC energy storage up to 1 MHz to
2 MHz. Filter inductor applications up to SRF
(see “Standard Electrical Specifications” table)
• Lowest DCR/μH, in this package size
• Handles high transient current spikes without
saturation
• Ultra low buzz noise, due to composite construction
• IHLP design. PATENT(S): www.vishay.com/patents
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• PDA/notebook/desktop/server applications
• High current POL converters
• Low profile, high current power supplies
• Battery powered devices
• DC/DC converters in distributed power systems
• DC/DC converter for Field Programmable Gate Array
(FPGA)
PATENT(S): www.vishay.com/patents
This Vishay product is protected by one or more United States and international patents.
STANDARD ELECTRICAL SPECIFICATIONS
L0
INDUCTANCE
± 20 %
AT 100 kHz,
0.25 V, 0 A
(μH)
DCR
TYP.
25 °C
(m
)
DCR
MAX.
25 °C
(m
)
HEAT
RATING
CURRENT
DC TYP.
(A) (1)
SATURATION
CURRENT
DC TYP.
(A) (2)
SRF
TYP.
(MHz)
0.22
9.5
11.4
9.3
9.3
220
0.33
12.0
14.3
7.2
8.7
175
0.47
16.3
19.5
6.4
7.0
140
0.56
18.7
22.0
5.1
6.7
135
0.68
22.5
25.0
4.0
5.5
110
1.0
32.7
37.5
4.0
5.0
90
Available
Design Tools
DIMENSIONS in inches [millimeters]
0.031 ± 0.012
[0.8 ± 0.3]
0.047 [1.2]
Max.
0.144 [3.65]
Max.
0.118 ± 0.008
[3.0 ± 0.2]
0.020 ± 0.008
[0.5 ± 0.2]
Typical Pad Layout
0.047
[1.2]
0.165
[4.2]
0.047
[1.2]
0.118 ± 0.008
[3.0 ± 0.2]
DESCRIPTION
IHLP-1212AB-11
0.22 μH
± 20 %
ER
e3
MODEL
INDUCTANCE VALUE
INDUCTANCE TOLERANCE
PACKAGE CODE
JEDEC® LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER
I
H
L
P
1
212
A
B
E
R
R
2
2
M
11
PRODUCT FAMILY
SIZE
PACKAGE
CODE
INDUCTANCE
VALUE
TOL.
SERIES


Similar Part No. - LP12AB11

ManufacturerPart #DatasheetDescription
logo
Altech corporation
LP12 ALTECH-LP12 Datasheet
455Kb / 1P
30 mm Legend Plates LPxxx (xxx= Title)
logo
RCD COMPONENTS INC.
LP12-1000F RCD-LP12-1000F Datasheet
38Kb / 1P
TEMPERATURE SENSITIVE METAL FILM RESISTORS TC?셎 FROM 150 TO 7000 PPM
LP12-1000G RCD-LP12-1000G Datasheet
38Kb / 1P
TEMPERATURE SENSITIVE METAL FILM RESISTORS TC?셎 FROM 150 TO 7000 PPM
LP12-1000J RCD-LP12-1000J Datasheet
38Kb / 1P
TEMPERATURE SENSITIVE METAL FILM RESISTORS TC?셎 FROM 150 TO 7000 PPM
LP12-1000K RCD-LP12-1000K Datasheet
38Kb / 1P
TEMPERATURE SENSITIVE METAL FILM RESISTORS TC?셎 FROM 150 TO 7000 PPM
More results

Similar Description - LP12AB11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP-1212AB-11 VISHAY-IHLP-1212AB-11_17 Datasheet
292Kb / 4P
IHLP® Commercial Inductors, Low DCR Series
12-Oct-17
IHLP-1212AE-11 VISHAY-IHLP-1212AE-11_17 Datasheet
150Kb / 3P
IHLP® Commercial Inductors, Low DCR Series
12-Oct-17
IHLP-1212AE-11 VISHAY-IHLP-1212AE-11_V01 Datasheet
356Kb / 4P
IHLP® Commercial Inductors, Low DCR Series
11-Jan-2021
IHLP-1212BZ-11 VISHAY-IHLP-1212BZ-11_V01 Datasheet
192Kb / 6P
IHLP® Commercial Inductors, Low DCR Series
12-Oct-17
IHLP-2020CZ-11 VISHAY-IHLP-2020CZ-11_V01 Datasheet
744Kb / 6P
IHLP® Commercial Inductors, Low DCR Series
24-Jan-2022
IHLP-2525CZ-11 VISHAY-IHLP-2525CZ-11_V01 Datasheet
345Kb / 6P
IHLP® Commercial Inductors, Low DCR Series
13-Oct-2020
IHLP-3232CZ-11 VISHAY-IHLP-3232CZ-11_V01 Datasheet
305Kb / 6P
IHLP® Commercial Inductors, Low DCR Series
04-Jun-2019
IHLP-3232DZ-11 VISHAY-IHLP-3232DZ-11_V01 Datasheet
316Kb / 6P
IHLP® Commercial Inductors, Low DCR Series
26-Jun-2020
IHLP-1616AB-11 VISHAY-IHLP-1616AB-11_V01 Datasheet
206Kb / 4P
IHLP® Commercial Inductors, Low DCR Series
12-Oct-17
IHLP-6767DZ-11 VISHAY-IHLP-6767DZ-11_V01 Datasheet
282Kb / 6P
IHLP® Commercial Inductors, Low DCR Series
15-Aug-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com