Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP12AB11 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LP12AB11
Description  IHLP® Commercial Inductors, Low DCR Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LP12AB11 Datasheet(HTML) 2 Page - Vishay Siliconix

  LP12AB11 Datasheet HTML 1Page - Vishay Siliconix LP12AB11 Datasheet HTML 2Page - Vishay Siliconix LP12AB11 Datasheet HTML 3Page - Vishay Siliconix LP12AB11 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IHLP-1212AB-11
www.vishay.com
Vishay Dale
Revision: 12-Oct-17
2
Document Number: 34299
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PERFORMANCE GRAPHS
0.22 μH
0.00
0.12
0.24
0.36
0.60
02468
10
12
0
10
30
40
50
ΔT °C
DC BIAS (A)
0.48
20
L
0.33 μH
0.00
0.08
0.16
0.24
0.40
0246
7
8
9
0
10
30
40
50
ΔT °C
DC BIAS (A)
0.32
20
L
135
0.47 μH
0.00
0.12
0.24
0.36
0.60
0246
7
8
9
0
10
30
40
50
ΔT °C
DC BIAS (A)
0.48
20
L
135
0.56 μH
0.00
0.12
0.24
0.36
0.60
0246
7
8
9
0
10
30
40
50
ΔT °C
DC BIAS (A)
0.48
20
L
135
0.68 μH
0.0
0.2
0.4
0.6
1.0
0246
7
8
0
20
60
80
100
ΔT °C
DC BIAS (A)
0.8
40
L
135
1.0 μH
0.0
0.2
0.4
0.6
1.0
0
20
60
80
100
DC BIAS (A)
0.8
40
0.0
1.0
2.0
3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5
0.5
1.5
2.5
ΔT °C
L



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com