Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP12AB11 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LP12AB11
Description  IHLP® Commercial Inductors, Low DCR Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LP12AB11 Datasheet(HTML) 3 Page - Vishay Siliconix

  LP12AB11 Datasheet HTML 1Page - Vishay Siliconix LP12AB11 Datasheet HTML 2Page - Vishay Siliconix LP12AB11 Datasheet HTML 3Page - Vishay Siliconix LP12AB11 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IHLP-1212AB-11
www.vishay.com
Vishay Dale
Revision: 12-Oct-17
3
Document Number: 34299
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PERFORMANCE GRAPHS: INDUCTANCE AND Q VS. FREQUENCY
0
10
20
30
40
50
60
0
0.05
0.1
0.15
0.2
0.25
0.3
0.1
1
10
100
1000
FREQUENCY (MHz)
0.22 µH
L
Q
0
10
20
30
40
50
60
0
0.1
0.2
0.3
0.4
0.5
0.6
0.1
1
10
100
1000
FREQUENCY (MHz)
0.33 µH
L
Q
0
20
40
60
80
0
0.2
0.4
0.6
0.8
0.1
1
10
100
1000
FREQUENCY (MHz)
0.47 µH
L
Q
0
10
20
30
40
50
0
0.2
0.4
0.6
0.8
1
0.1
1
10
100
1000
FREQUENCY (MHz)
0.56 µH
L
Q
0
20
40
60
0
0.5
1
1.5
0.1
1
10
100
1000
FREQUENCY (MHz)
0.68 µH
L
Q
0
10
20
30
40
50
0
0.5
1
1.5
2
2.5
0.1
1
10
100
1000
FREQUENCY (MHz)
1.0µH
L
Q



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com