Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8184 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC8184 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC8184
Download  VSC8184 Download
File Size   286.45 Kbytes
Page   2 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 11.5-12.5Gb/s 1:16 Demultiplexer with Clock Recovery

VSC8184 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC8184 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC8184
Download  VSC8184 Click to download

File Size   286.45 Kbytes
Page   2 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 11.5-12.5Gb/s 1:16 Demultiplexer with Clock Recovery

VSC8184 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC8184 Product details

General Description
The VCS8184 combines a clock recovery unit and data retiming with a 1:16 Demultiplexer on a single chip to directly generate 16-bit wide data from an incoming 11.5Gb/s to 12.5Gb/s data stream, for use in SONET STS-192/SDH STM-64 systems.

Features:
• Continuous 11.5 to 12.5Gb/s Lock-Range
• Low Power 1.6W (Typ)
• +3.3V Single Supply
• Single-End and Differential Data Input
• 50 mV Input Sensitivity (Min)
• Slicing Threshold Voltage Offset Control
• LVDS Outputs
• 180-195 or 719-781 MHz Reference Clock
• Reliable 90-Ball BGA Package
• Up to 90°C Case Temperature
• On Chip Termination for all LVDS Inputs

Benefits:
• Provides High-speed Integrated Clock and Data Recovery from 11.5 to 12.5Gb/s
• Provides Lowest Power Solution in its Performance Class
• Pin-compatible Path to 9.9- 10.7Gb/s Product (VSC8174)
• Thermal Expansion of TBGA Package is Matched to the PC Board for High Reliability
• Data Polarity Invert and Bit Order Swap for Ease of Layout
• Loss-of-Lock and No Reference Clock to Assist in Monitoring Device Operation
• Parity Bit Calculation
• Integrated Clock and Data Recovery

Applications:
• Advanced Forward Error Correction (FEC)
• Return-to-Zero Transmission Applications
• Re-Timing Laser Drivers
• Ultra-Long Haul Systems
• SONET/SDH Networking
• DWDM Systems
• Telecommunications Transmission Systems




Similar Part No. - VSC8184

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8111 VITESSE-VSC8111 Datasheet
139Kb / 26P
ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
VSC8113 VITESSE-VSC8113 Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB VITESSE-VSC8113QB Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB1 VITESSE-VSC8113QB1 Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB2 VITESSE-VSC8113QB2 Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
More results


Similar Description - VSC8184

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M69899VP MITSUBISHI-M69899VP Datasheet
421Kb / 7P
16:1 2.488 Gbps Demultiplexer(with Differential Output)
logo
Agere Systems
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
August 2000
logo
Maxim Integrated Produc...
MAX3880 MAXIM-MAX3880 Datasheet
194Kb / 12P
3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/99
logo
Vitesse Semiconductor C...
VSC8162 VITESSE-VSC8162 Datasheet
151Kb / 20P
2.488 Gbit/sec SONET/SDH 1:16 Demux with Clock Recovery
logo
Maxim Integrated Produc...
MAX3881 MAXIM-MAX3881 Datasheet
193Kb / 11P
3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/01
logo
Vitesse Semiconductor C...
VSC8166 VITESSE-VSC8166 Datasheet
171Kb / 16P
2.488 Gbit/sec 1:16 SONET/SDH Demux with Clock Recovery
logo
TriQuint Semiconductor
TGA4802-EPU TRIQUINT-TGA4802-EPU Datasheet
168Kb / 10P
12.5Gb/s Modulator Driver Amplifier
logo
Vitesse Semiconductor C...
VSC1235 VITESSE-VSC1235 Datasheet
420Kb / 2P
9.9 to 12.5 Gbps 16:1 Multiplexer with Clock Multiplier Unit and Demultiplexer with Clock Recovery Chip Set
VSC1237 VITESSE-VSC1237 Datasheet
455Kb / 2P
9.9 to 12.5 Gbps 16:1 Multiplexer with Clock Multiplier Unit and Demultiplexer with Clock Recovery Chip Set
logo
Maxim Integrated Produc...
MAX3882A MAXIM-MAX3882A Datasheet
220Kb / 13P
2.488Gbps 1:4 Demultiplexer with Clock and Data Recovery and Limiting Amplifier
Rev 2; 4/09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com