Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF1126A Datasheet (PDF) - RF Monolithics, Inc

SF1126A Datasheet PDF - RF Monolithics, Inc
Part # SF1126A
Download  SF1126A Download
File Size   160.05 Kbytes
Page   5 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 127 MHz SAW Filter

SF1126A Datasheet (PDF)

Go To PDF Page Download Datasheet
SF1126A Datasheet PDF - RF Monolithics, Inc

Part # SF1126A
Download  SF1126A Click to download

File Size   160.05 Kbytes
Page   5 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 127 MHz SAW Filter

SF1126A Datasheet (HTML) - RF Monolithics, Inc


SF1126A Product details

127 MHz SAW Filter

• Designed for Interactive Video Applications
• Wide Bandwidth and Excellent GD Variation
• 9.1 x 7.1 mm Surface-mount Case
• Single Ended Input and Output
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - SF1126A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1120B RFM-SF1120B Datasheet
146Kb / 4P
298.74 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1120B MURATA-SF1120B Datasheet
199Kb / 4P
298.74 MHz SAW Filter
logo
List of Unclassifed Man...
SF1121-CHK ETC2-SF1121-CHK Datasheet
61Kb / 1P
ASSEMBLY FOR SF1121
logo
RF Monolithics, Inc
SF1122A RFM-SF1122A Datasheet
69Kb / 3P
190 MHz SAW Filter
SF1124A RFM-SF1124A Datasheet
184Kb / 6P
190 MHz SAW Filter
More results


Similar Description - SF1126A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
logo
EPCOS
B3773 EPCOS-B3773 Datasheet
74Kb / 9P
SAW filter 868.95 MHz
B7738 EPCOS-B7738 Datasheet
93Kb / 8P
SAW filter 719.0 MHz
B9408 EPCOS-B9408 Datasheet
80Kb / 8P
SAW Filter 2140.0 MHz
B9410 EPCOS-B9410 Datasheet
102Kb / 8P
SAW filter 2441.75 MHz
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com