Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P102-10SC Datasheet (PDF) - PhaseLink Corporation

P102-10SC Datasheet PDF - PhaseLink Corporation
Part # P102-10SC
Download  P102-10SC Download
File Size   180.37 Kbytes
Page   6 Pages
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation
Description Low Skew Output Buffer

P102-10SC Datasheet (PDF)

Go To PDF Page Download Datasheet
P102-10SC Datasheet PDF - PhaseLink Corporation

Part # P102-10SC
Download  P102-10SC Click to download

File Size   180.37 Kbytes
Page   6 Pages
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation
Description Low Skew Output Buffer

P102-10SC Datasheet (HTML) - PhaseLink Corporation


P102-10SC Product details

DESCRIPTION
The PLL102-10 is a high performance, low skew, low jitter zero delay buffer designed to distribute high speed clocks and is available in 8-pin SOIC or MSOP package. It has two outputs that are synchronized with the input. The synchronization is established via CLKOUT feed back to the input of the PLL. Since the skew between the input and output is less than ±350 ps, the device acts as a zero delay buffer.

FEATURES
• Frequency range 50 ~ 120MHz.
• Internal phase locked loop will allow spread spectrum modulation on reference clock to pass to outputs.
• Zero input - output delay.
• Less than 700 ps device - device skew.
• Less than 250 ps skew between outputs.
• Less than 100 ps cycle - cycle jitter.
• 2.5V or 3.3V power supply operation.
• Available in 8-Pin SOIC or MSOP package.




Similar Part No. - P102-10SC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P102-03SC PLL-P102-03SC Datasheet
206Kb / 6P
Low Skew Output Buffer
P102-03SCL PLL-P102-03SCL Datasheet
206Kb / 6P
Low Skew Output Buffer
P102-04SC PLL-P102-04SC Datasheet
236Kb / 6P
Low Skew Output Buffer
P102-04SCL PLL-P102-04SCL Datasheet
236Kb / 6P
Low Skew Output Buffer
P102-05SC PLL-P102-05SC Datasheet
222Kb / 6P
Low Skew Output Buffer
More results


Similar Description - P102-10SC

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-06 ICST-ICS9112-06 Datasheet
210Kb / 8P
Low Skew Output Buffer
Rev H 1/22/99
logo
PhaseLink Corporation
PLL102-03 PLL-PLL102-03 Datasheet
206Kb / 6P
Low Skew Output Buffer
PLL102-04 PLL-PLL102-04 Datasheet
236Kb / 6P
Low Skew Output Buffer
PLL102-05 PLL-PLL102-05 Datasheet
222Kb / 6P
Low Skew Output Buffer
logo
Abracon Corporation
ABB0204 ABRACON-ABB0204 Datasheet
52Kb / 6P
Low Skew Output Buffer
03/21/05
ABB0205 ABRACON-ABB0205 Datasheet
52Kb / 6P
Low Skew Output Buffer
03/21/05
logo
Integrated Circuit Syst...
ICS9112A-16 ICST-ICS9112A-16 Datasheet
97Kb / 8P
Low Skew Output Buffer
logo
Integrated Device Techn...
AV9172 IDT-AV9172 Datasheet
401Kb / 8P
Low Skew Output Buffer
logo
Abracon Corporation
ABB0210 ABRACON-ABB0210 Datasheet
57Kb / 6P
Low Skew Output Buffer
logo
Renesas Technology Corp
ICS9176C-03 RENESAS-ICS9176C-03 Datasheet
544Kb / 9P
Low Skew Output Buffer
2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com