Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P102-10SC Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # P102-10SC
Description  Low Skew Output Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P102-10SC Datasheet(HTML) 1 Page - PhaseLink Corporation

  P102-10SC Datasheet HTML 1Page - PhaseLink Corporation P102-10SC Datasheet HTML 2Page - PhaseLink Corporation P102-10SC Datasheet HTML 3Page - PhaseLink Corporation P102-10SC Datasheet HTML 4Page - PhaseLink Corporation P102-10SC Datasheet HTML 5Page - PhaseLink Corporation P102-10SC Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PLL102-10
Low Skew Output Buffer
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 03/22/05 Page 1
FEATURES
• Frequency range 50 ~ 120MHz.
• Internal phase locked loop will allow spread spec-
trum modulation on reference clock to pass to out-
puts.
• Zero input - output delay.
• Less than 700 ps device - device skew.
• Less than 250 ps skew between outputs.
• Less than 100 ps cycle - cycle jitter.
• 2.5V or 3.3V power supply operation.
• Available in 8-Pin SOIC or MSOP package.
DESCRIPTION
The PLL102-10 is a high performance, low skew, low
jitter zero delay buffer designed to distribute high
speed clocks and is available in 8-pin SOIC or MSOP
package. It has two outputs that are synchronized with
the input. The synchronization is established via
CLKOUT feed back to the input of the PLL. Since the
skew between the input and output is less than
±350
ps, the device acts as a zero delay buffer.
PIN CONFIGURATION
BLOCK DIAGRAM
1
2
3
4
5
6
7
8
REFIN
GND
CLK1
CLK2
CLKOUT
DNC
VDD
DNC
PLL
REFIN
CLKOUT
CLK1
CLK2


Similar Part No. - P102-10SC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P102-03SC PLL-P102-03SC Datasheet
206Kb / 6P
Low Skew Output Buffer
P102-03SCL PLL-P102-03SCL Datasheet
206Kb / 6P
Low Skew Output Buffer
P102-04SC PLL-P102-04SC Datasheet
236Kb / 6P
Low Skew Output Buffer
P102-04SCL PLL-P102-04SCL Datasheet
236Kb / 6P
Low Skew Output Buffer
P102-05SC PLL-P102-05SC Datasheet
222Kb / 6P
Low Skew Output Buffer
More results

Similar Description - P102-10SC

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-06 ICST-ICS9112-06 Datasheet
210Kb / 8P
Low Skew Output Buffer
Rev H 1/22/99
logo
PhaseLink Corporation
PLL102-03 PLL-PLL102-03 Datasheet
206Kb / 6P
Low Skew Output Buffer
PLL102-04 PLL-PLL102-04 Datasheet
236Kb / 6P
Low Skew Output Buffer
PLL102-05 PLL-PLL102-05 Datasheet
222Kb / 6P
Low Skew Output Buffer
logo
Abracon Corporation
ABB0204 ABRACON-ABB0204 Datasheet
52Kb / 6P
Low Skew Output Buffer
03/21/05
ABB0205 ABRACON-ABB0205 Datasheet
52Kb / 6P
Low Skew Output Buffer
03/21/05
logo
Integrated Circuit Syst...
ICS9112A-16 ICST-ICS9112A-16 Datasheet
97Kb / 8P
Low Skew Output Buffer
logo
Integrated Device Techn...
AV9172 IDT-AV9172 Datasheet
401Kb / 8P
Low Skew Output Buffer
logo
Abracon Corporation
ABB0210 ABRACON-ABB0210 Datasheet
57Kb / 6P
Low Skew Output Buffer
logo
Renesas Technology Corp
ICS9176C-03 RENESAS-ICS9176C-03 Datasheet
544Kb / 9P
Low Skew Output Buffer
2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com