Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOP610 Datasheet (PDF) - Alpha & Omega Semiconductors

AOP610 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOP610
Download  AOP610 Download
File Size   145.24 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Complementary Enhancement Mode Field Effect Transistor

AOP610 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOP610 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOP610
Download  AOP610 Click to download

File Size   145.24 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Complementary Enhancement Mode Field Effect Transistor

AOP610 Datasheet (HTML) - Alpha & Omega Semiconductors


AOP610 Product details

General Description

The AOP610 uses advanced trench technology MOSFETs to provide excellent RDS(ON) and low gate charge. The complementary MOSFETs may be used to form a level shifted high side switch, and for a host of other applications. A Schottky diode in parallel with the n-channel FET reduces body diode related losses. It is

ESD protected. Standard product AOP610 is Pb-free (meets ROHS & Sony 259 specifications). AOP610L is a Green Product ordering option. AOP610 and AOP610L are electrically identical.



Features

n-channel                             p-channel

VDS (V) = 30V                          -30V

ID = 7.7A (VGS=10V)                -6.2A (VGS=10V)

RDS(ON)                               RDS(ON)

< 24mΩ (VGS=10V)                   < 37mΩ (VGS = -10V)

< 42mΩ (VGS=4.5V)                  < 60mΩ (VGS = -4.5V)

ESD rating: 1500V (HBM)




Similar Part No. - AOP610

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOP611 AOSMD-AOP611 Datasheet
137Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AOP611L AOSMD-AOP611L Datasheet
137Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
More results


Similar Description - AOP610

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOP608 AOSMD-AOP608 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOD607 AOSMD-AOD607 Datasheet
137Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4607 AOSMD-AO4607 Datasheet
198Kb / 8P
Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4613 AOSMD-AO4613 Datasheet
181Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4616 AOSMD-AO4616 Datasheet
156Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com