Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XVBC9B Datasheet (PDF) - Schneider Electric

XVBC9B Datasheet PDF - Schneider Electric
Part # XVBC9B
Download  XVBC9B Download
File Size   107.12 Kbytes
Page   5 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Indicating Bank, 70mm, buzzer unit, 90 dB at 1 meter, 12 to 48 VAC/DC

XVBC9B Datasheet (PDF)

Go To PDF Page Download Datasheet
XVBC9B Datasheet PDF - Schneider Electric

Part # XVBC9B
Download  XVBC9B Click to download

File Size   107.12 Kbytes
Page   5 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Indicating Bank, 70mm, buzzer unit, 90 dB at 1 meter, 12 to 48 VAC/DC

XVBC9B Datasheet (HTML) - Schneider Electric




Similar Part No. - XVBC9B

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XVBC020 SCHNEIDER-XVBC020 Datasheet
81Kb / 1P
INDICATING BANK ACCESSORIES 100MM
Aug 10, 2019
XVBC21 SCHNEIDER-XVBC21 Datasheet
98Kb / 5P
Indicating Bank, 70mm, base unit and cap, direct or tube mounting, bottom or side cable entry
Aug 11, 2019
XVBC2B3 SCHNEIDER-XVBC2B3 Datasheet
133Kb / 4P
Harmony XVB, Illuminated unit for modular tower lights, plastic, green, 횠70, steady, integral LED, 24 V AC/DC
Sep 20, 2021
XVBC33 SCHNEIDER-XVBC33 Datasheet
106Kb / 4P
Indicating Bank, 70mm, illuminated lens unit, green, steady on, 10 W, 250 VAC/DC
Aug 10, 2019
XVBC35 SCHNEIDER-XVBC35 Datasheet
112Kb / 4P
INDICATING BANK LENS 250V 10W OPTIONS
Aug 10, 2019
More results


Similar Description - XVBC9B

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
ZA048LACT MSPI-ZA048LACT Datasheet
46Kb / 1P
Voltage Rating 28 to 48 VAC/DC
ZA048LADL1 MSPI-ZA048LADL1 Datasheet
132Kb / 1P
Voltage Rating 28 to 48 VAC/DC
ZA048LADP2 MSPI-ZA048LADP2 Datasheet
132Kb / 1P
Voltage Rating 28 to 48 VAC/DC
ZA048MACM1 MSPI-ZA048MACM1 Datasheet
132Kb / 1P
Voltage Rating 28 to 48 VAC/DC
ZA048MAFP1 MSPI-ZA048MAFP1 Datasheet
132Kb / 1P
Voltage Rating 28 to 48 VAC/DC
logo
Schneider Electric
XVR12J06S SCHNEIDER-XVR12J06S Datasheet
145Kb / 4P
Rotating beacon, 120 mm, blue, with buzzer 50 90 dB, 12 V AC DC
May 24, 2021
XVBC21 SCHNEIDER-XVBC21 Datasheet
98Kb / 5P
Indicating Bank, 70mm, base unit and cap, direct or tube mounting, bottom or side cable entry
Aug 11, 2019
XVBZ02 SCHNEIDER-XVBZ02 Datasheet
86Kb / 3P
Indicating Bank, 70mm, black plastic mounting base, black tube, 4.72 inches
Aug 10, 2019
XVBC020 SCHNEIDER-XVBC020 Datasheet
81Kb / 1P
INDICATING BANK ACCESSORIES 100MM
Aug 10, 2019
XVBC33 SCHNEIDER-XVBC33 Datasheet
106Kb / 4P
Indicating Bank, 70mm, illuminated lens unit, green, steady on, 10 W, 250 VAC/DC
Aug 10, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com