Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XVBC9B Datasheet(PDF) 2 Page - Schneider Electric

Part # XVBC9B
Description  Indicating Bank, 70mm, buzzer unit, 90 dB at 1 meter, 12 to 48 VAC/DC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XVBC9B Datasheet(HTML) 2 Page - Schneider Electric

  XVBC9B Datasheet HTML 1Page - Schneider Electric XVBC9B Datasheet HTML 2Page - Schneider Electric XVBC9B Datasheet HTML 3Page - Schneider Electric XVBC9B Datasheet HTML 4Page - Schneider Electric XVBC9B Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Returnability
Y
Country of origin
ID
Offer Sustainability
California proposition 65
WARNING: This product can expose you to chemicals including:
- - - - - - - Substance 1
Lead and lead compounds, which is known to the State of California to cause can-
cer and birth defects or other reproductive harm.
- - - - - - - More information
For more information go to www.p65warnings.ca.gov
Contractual warranty
Warranty period
18 months



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com