Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XVBC9B Datasheet(PDF) 1 Page - Schneider Electric

Part # XVBC9B
Description  Indicating Bank, 70mm, buzzer unit, 90 dB at 1 meter, 12 to 48 VAC/DC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XVBC9B Datasheet(HTML) 1 Page - Schneider Electric

  XVBC9B Datasheet HTML 1Page - Schneider Electric XVBC9B Datasheet HTML 2Page - Schneider Electric XVBC9B Datasheet HTML 3Page - Schneider Electric XVBC9B Datasheet HTML 4Page - Schneider Electric XVBC9B Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Aug 11, 2019
1
Product data sheet
Characteristics
XVBC9B
Indicating Bank, 70mm, buzzer unit, 90 dB at 1
meter, 12 to 48 VAC/DC
Product availability: Stock - Normally stocked in distribution facility
Main
Range of product
Harmony XVB Universal
Product or component
type
Indicator bank
Beacon or indicator
bank unit type
Audible unit
Mounting diameter
2.76 in (70 mm)
Component name
XVBC
Noise level
70...90 dB at 1 m
[Us] rated supply volt-
age
12...48 V AC/DC
Complementary
Signalling type
Continuous or intermittent buzzer
Assembly style
Customer assembly, up to 5 units
Connections - terminals
Screw clamp terminals: <= 1 x 1.5 mm² with cable end
[Ui] rated insulation voltage
250 V conforming to IEC 60947-1
Nominal voltage limit
0.85...1.1 Un conforming to IEC 60947-5-1
Current consumption
< 15 mA
[Uimp] rated impulse withstand voltage
4 kV conforming to IEC 60947-1
Fundamental frequency
2.8 kHz
CAD overall width
2.76 in (70 mm)
CAD overall height
2.48 in (63 mm)
CAD overall depth
2.76 in (70 mm)
Product weight
0.37 lb(US) (0.17 kg)
Environment
Product certifications
GOST
CCC
CSA C22-2 No 14
UL 508
Standards
EN/IEC 60947-5-1
Protective treatment
TC
Ambient air temperature for storage
-40...158 °F (-40...70 °C)
Ambient air temperature for operation
-13...122 °F (-25...50 °C)
Electrical shock protection class
Class I on support tube conforming to IEC 61140
Class II on base unit conforming to IEC 61140
IP degree of protection
IP65 on fixing base XVBZ0. conforming to IEC 60529
IP66 on base unit conforming to IEC 60529
NEMA degree of protection
NEMA 4X (indoor) conforming to UL 508
Ordering and shipping details
Category
22611 - XVB-STACKLIGHTS
Discount Schedule
XV
GTIN
00785901845966
Nbr. of units in pkg.
1
Package weight(Lbs)
0.35999999999999999


Similar Part No. - XVBC9B

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XVBC020 SCHNEIDER-XVBC020 Datasheet
81Kb / 1P
INDICATING BANK ACCESSORIES 100MM
Aug 10, 2019
XVBC21 SCHNEIDER-XVBC21 Datasheet
98Kb / 5P
Indicating Bank, 70mm, base unit and cap, direct or tube mounting, bottom or side cable entry
Aug 11, 2019
XVBC2B3 SCHNEIDER-XVBC2B3 Datasheet
133Kb / 4P
Harmony XVB, Illuminated unit for modular tower lights, plastic, green, 횠70, steady, integral LED, 24 V AC/DC
Sep 20, 2021
XVBC33 SCHNEIDER-XVBC33 Datasheet
106Kb / 4P
Indicating Bank, 70mm, illuminated lens unit, green, steady on, 10 W, 250 VAC/DC
Aug 10, 2019
XVBC35 SCHNEIDER-XVBC35 Datasheet
112Kb / 4P
INDICATING BANK LENS 250V 10W OPTIONS
Aug 10, 2019
More results

Similar Description - XVBC9B

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
ZA048LACT MSPI-ZA048LACT Datasheet
46Kb / 1P
Voltage Rating 28 to 48 VAC/DC
ZA048LADL1 MSPI-ZA048LADL1 Datasheet
132Kb / 1P
Voltage Rating 28 to 48 VAC/DC
ZA048LADP2 MSPI-ZA048LADP2 Datasheet
132Kb / 1P
Voltage Rating 28 to 48 VAC/DC
ZA048MACM1 MSPI-ZA048MACM1 Datasheet
132Kb / 1P
Voltage Rating 28 to 48 VAC/DC
ZA048MAFP1 MSPI-ZA048MAFP1 Datasheet
132Kb / 1P
Voltage Rating 28 to 48 VAC/DC
logo
Schneider Electric
XVR12J06S SCHNEIDER-XVR12J06S Datasheet
145Kb / 4P
Rotating beacon, 120 mm, blue, with buzzer 50 90 dB, 12 V AC DC
May 24, 2021
XVBC21 SCHNEIDER-XVBC21 Datasheet
98Kb / 5P
Indicating Bank, 70mm, base unit and cap, direct or tube mounting, bottom or side cable entry
Aug 11, 2019
XVBZ02 SCHNEIDER-XVBZ02 Datasheet
86Kb / 3P
Indicating Bank, 70mm, black plastic mounting base, black tube, 4.72 inches
Aug 10, 2019
XVBC020 SCHNEIDER-XVBC020 Datasheet
81Kb / 1P
INDICATING BANK ACCESSORIES 100MM
Aug 10, 2019
XVBC33 SCHNEIDER-XVBC33 Datasheet
106Kb / 4P
Indicating Bank, 70mm, illuminated lens unit, green, steady on, 10 W, 250 VAC/DC
Aug 10, 2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com