Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XVBC9B Datasheet(PDF) 3 Page - Schneider Electric

Part # XVBC9B
Description  Indicating Bank, 70mm, buzzer unit, 90 dB at 1 meter, 12 to 48 VAC/DC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XVBC9B Datasheet(HTML) 3 Page - Schneider Electric

  XVBC9B Datasheet HTML 1Page - Schneider Electric XVBC9B Datasheet HTML 2Page - Schneider Electric XVBC9B Datasheet HTML 3Page - Schneider Electric XVBC9B Datasheet HTML 4Page - Schneider Electric XVBC9B Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Product data sheet
Dimensions Drawings
XVBC9B
Indicator Bank without “Flash” Discharge Tube Unit
Dimensions
Below drawing shows the minimum configuration of the product. Select the number of stages according to the product characteristics in order
to get b dimension.
(1) Base unit XVBC21, to be ordered separately
(2) Illuminated or audible signalling unit
(3) Cover (supplied with XVBC21 base unit)
Number of illuminated or audible signalling units (no “flash”)
b in mm
b in in.
1
138
5.43
2
201
7.91
3
264
10.39
4
327
12.87
5
390
15.35
Indicator Bank with “Flash” Discharge Tube Unit
Dimensions
Below drawing shows the minimum configuration of the product. Select the number of stages according to the product characteristics in order
to get b dimension.
(1) Base unit XVBC07, to be ordered separately
(2) Illuminated or audible signalling unit
(3) “Flash” unit, to be ordered separately



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com