Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1132871 Datasheet (PDF) - Qorvo, Inc

1132871 Datasheet PDF - Qorvo, Inc
Part # 1132871
Download  1132871 Download
File Size   1547.68 Kbytes
Page   28 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 15W, 50V, DC ??4 GHz, GaN RF Transistor

1132871 Datasheet (PDF)

Go To PDF Page Download Datasheet
1132871 Datasheet PDF - Qorvo, Inc

Part # 1132871
Download  1132871 Click to download

File Size   1547.68 Kbytes
Page   28 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 15W, 50V, DC ??4 GHz, GaN RF Transistor

1132871 Datasheet (HTML) - Qorvo, Inc




Similar Part No. - 1132871

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
11328 ETC2-11328 Datasheet
94Kb / 2P
PVC Insulation Boots
logo
PHOENIX CONTACT
1132800 PHOENIX-1132800 Datasheet
465Kb / 8P
Bus coupler - AXL P BK PN
12/24/2021
More results


Similar Description - 1132871

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T2G6001528-SG TRIQUINT-T2G6001528-SG Datasheet
6Mb / 18P
15W, 28V, DC ??6 GHz, GaN RF Power Transistor
QPD1013 TRIQUINT-QPD1013 Datasheet
2Mb / 25P
150W, 65V, DC ??2.7 GHz, GaN RF Transistor
QPD1022 TRIQUINT-QPD1022 Datasheet
2Mb / 23P
10W, 32V, DC ??12 GHz, GaN RF Transistor
logo
Qorvo, Inc
QPD1008L QORVO-QPD1008L Datasheet
1Mb / 20P
125W, 50V, DC ??3.2 GHz, GaN RF Transistor
October 2021
QPD1010 QORVO-QPD1010 Datasheet
2Mb / 25P
10W, 50V, DC ??4 GHz, GaN RF Transistor
October 2021
QPD1014 QORVO-QPD1014 Datasheet
2Mb / 21P
15W, 50V, 30 ??1200 MHz, GaN RF Input-Matched Transistor
2016
QPD1015 QORVO-QPD1015 Datasheet
1Mb / 27P
65W, 50V, DC ??3.7 GHz, GaN RF Transistor
2016
QPD1015L QORVO-QPD1015L Datasheet
1Mb / 27P
65W, 50V, DC ??3.7 GHz, GaN RF Transistor
2016
QPD1022 QORVO-QPD1022 Datasheet
2Mb / 22P
10W, 32V, DC ??12 GHz, GaN RF Transistor
February 2022
QPD1013 QORVO-QPD1013 Datasheet
2Mb / 25P
150W, 65V, DC – 2.7 GHz, GaN RF Transistor
2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com