Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBR6008-Y Datasheet (PDF) - STMicroelectronics

STBR6008-Y Datasheet PDF - STMicroelectronics
Part # STBR6008-Y
Download  STBR6008-Y Download
File Size   204.94 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 800 V, 60 A bridge rectifier diode

STBR6008-Y Datasheet (PDF)

Go To PDF Page Download Datasheet
STBR6008-Y Datasheet PDF - STMicroelectronics

Part # STBR6008-Y
Download  STBR6008-Y Click to download

File Size   204.94 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 800 V, 60 A bridge rectifier diode

STBR6008-Y Datasheet (HTML) - STMicroelectronics


STBR6008-Y Product details

Description
The high quality design of this diode has produced a device with consistently reproducible characteristics and intrinsic ruggedness. These characteristics make it ideal for heavy duty applications that demand long term reliability like automotive applications. Thanks to its ultra-low conduction losses, the STBR6008-Y is especially suitable for use as input bridge diode in battery chargers and charging stations. Product status link STBR6008-Y Product summary

Features
■ AEC-Q101 qualified
■ Ultra low conduction losses
■ Ultra-low reverse losses
■ High junction temperature capability (+175 °C)
■ VRRM guaranteed from -40 to +175 °C
■ PPAP capable
■ ECOPACK2 compliant

Applications
■ On board charger (OBC)
■ Charging stations
■ Bridge function




Similar Part No. - STBR6008-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBR6012 STMICROELECTRONICS-STBR6012 Datasheet
303Kb / 8P
High voltage rectifier for bridge applications
02-Nov-2016
STBR6012-Y STMICROELECTRONICS-STBR6012-Y Datasheet
307Kb / 8P
Automotive high voltage rectifier for bridge applications
07-Nov-2016
STBR6012W STMICROELECTRONICS-STBR6012W Datasheet
303Kb / 8P
High voltage rectifier for bridge applications
02-Nov-2016
STBR606 STMICROELECTRONICS-STBR606 Datasheet
57Kb / 4P
50-60Hz RECTIFICATION BRIDGE
Aug-2001
STBR608 STMICROELECTRONICS-STBR608 Datasheet
57Kb / 4P
50-60Hz RECTIFICATION BRIDGE
Aug-2001
More results


Similar Description - STBR6008-Y

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CE420860 POWEREX-CE420860 Datasheet
77Kb / 4P
Three-Phase SCR/Diode Bridge Modules 60 Amperes/800 Volts
MEB00806 POWEREX-MEB00806 Datasheet
68Kb / 4P
Three-Phase Diode Bridge Module (60 Amperes/800 Volts)
logo
STMicroelectronics
STPS660CSFY STMICROELECTRONICS-STPS660CSFY Datasheet
319Kb / 9P
Automotive 60 V, dual 3 A power Schottky rectifier
Rev 1 - October 2020
logo
ON Semiconductor
NVG800A75L4DSC ONSEMI-NVG800A75L4DSC Datasheet
724Kb / 13P
Automotive 750 V, 800 A Dual Side Cooling Half-Bridge Power Module
December, 2019 ??Rev. 1
logo
STMicroelectronics
STBR3008-Y STMICROELECTRONICS-STBR3008-Y Datasheet
382Kb / 12P
Automotive 800 V, 30 A bridge rectifier diode
03-Jun-2020
STPS560SFY STMICROELECTRONICS-STPS560SFY Datasheet
474Kb / 11P
Automotive 60 V, 5 A power Schottky rectifier
February 2019 Rev 1
FERD20H60C STMICROELECTRONICS-FERD20H60C Datasheet
402Kb / 12P
60 V field-effect rectifier diode
01-Sep-2017
FERD30L60C STMICROELECTRONICS-FERD30L60C Datasheet
403Kb / 12P
60 V field-effect rectifier diode
01-Sep-2017
STTH60RQ06-M2Y STMICROELECTRONICS-STTH60RQ06-M2Y Datasheet
507Kb / 12P
Automotive 600 V, 60 A ultrafast bridge module
15-Sep-2020
STBR1508-Y STMICROELECTRONICS-STBR1508-Y Datasheet
342Kb / 10P
Automotive 800 V, 15 A bridge rectifier diode
17-May-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com