Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH60RQ06-M2Y Datasheet (PDF) - STMicroelectronics

STTH60RQ06-M2Y Datasheet PDF - STMicroelectronics
Part # STTH60RQ06-M2Y
Download  STTH60RQ06-M2Y Download
File Size   507.63 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 600 V, 60 A ultrafast bridge module

STTH60RQ06-M2Y Datasheet (PDF)

Go To PDF Page Download Datasheet
STTH60RQ06-M2Y Datasheet PDF - STMicroelectronics

Part # STTH60RQ06-M2Y
Download  STTH60RQ06-M2Y Click to download

File Size   507.63 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 600 V, 60 A ultrafast bridge module

STTH60RQ06-M2Y Datasheet (HTML) - STMicroelectronics


STTH60RQ06-M2Y Product details

Features
• Operating Tj from -40 °C to +175 °C
• Ultrafast with soft recovery behaviour
• PPAP capable
• SMD with isolated top side cooling
• Low thermal resistance
• Backside in insulated ceramic
• Dice chips on Direct Bond Copper (DBC) substrate
• ECOPACK2 compliant
• MSL: Level 3
• Insulation voltage (UL 1557): VRMS = 4000 V

Description
The ultrafast bridge rectifier is a high-performance device, generally used in a full
wave rectification of an output stage of a DC/DC converter in automotive
applications.
Thanks to the high thermal capability of the ACEPACK SMIT package, this integrated
module will increase the power density in the application, through very high thermal
performances (top side cooling) and insulation done by an embedded ceramic.
Especially suited for use in Charger applications, either integrated in the vehicle or in
a charging station, this rectifier will enhance the performance of the targeted
application.

Applications
• Output rectification
• On board charger
• Charging station




Similar Part No. - STTH60RQ06-M2Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH60RQ06-Y STMICROELECTRONICS-STTH60RQ06-Y Datasheet
216Kb / 10P
Automotive turbo 2 ultrafast high voltage rectifier
05-Apr-2018
More results


Similar Description - STTH60RQ06-M2Y

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFA60UA60DN FAIRCHILD-FFA60UA60DN Datasheet
601Kb / 5P
60 A, 600 V Ultrafast Diode
FFAF60UA60DN FAIRCHILD-FFAF60UA60DN Datasheet
2Mb / 5P
60 A, 600 V, Ultrafast ll Dual Diode
logo
ON Semiconductor
FFH60UP60S ONSEMI-FFH60UP60S Datasheet
856Kb / 9P
60 A, 600 V Ultrafast Rectifier
September 2016 Rev. 1.6
logo
STMicroelectronics
STBR6008-Y STMICROELECTRONICS-STBR6008-Y Datasheet
204Kb / 9P
Automotive 800 V, 60 A bridge rectifier diode
10-Jun-2019
STTH30L06-Y STMICROELECTRONICS-STTH30L06-Y_V01 Datasheet
300Kb / 13P
Automotive 600 V, 30 A low drop ultrafast diode
October 2020
logo
Vishay Siliconix
VS-U5FH60FA60 VISHAY-VS-U5FH60FA60 Datasheet
161Kb / 6P
FRED Pt® Gen 5 Ultrafast Rectifier Diode, 600 V, 60 A
19-May-2022
logo
STMicroelectronics
STTH1R06AFY STMICROELECTRONICS-STTH1R06AFY Datasheet
215Kb / 10P
Automotive 600 V, 1 A, turbo 2 ultrafast rectifier
December 2018 Rev 2
STTH30RQ06L2Y STMICROELECTRONICS-STTH30RQ06L2Y Datasheet
464Kb / 12P
Automotive 600 V, 30 A ultrafast high voltage rectifier
17-Dec-2021
STTH60RQ06 STMICROELECTRONICS-STTH60RQ06 Datasheet
239Kb / 13P
600 V, 60 A ultrafast high voltage rectifier
30-Mar-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com