Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2170 Datasheet (PDF) - STMicroelectronics

STPS2170 Datasheet PDF - STMicroelectronics
Part # STPS2170
Download  STPS2170 Download
File Size   353.25 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 170 V, 2 A power Schottky rectifier

STPS2170 Datasheet (PDF)

Go To PDF Page Download Datasheet
STPS2170 Datasheet PDF - STMicroelectronics

Part # STPS2170
Download  STPS2170 Click to download

File Size   353.25 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 170 V, 2 A power Schottky rectifier

STPS2170 Datasheet (HTML) - STMicroelectronics


STPS2170 Product details

Description
The STPS2170 is a 170 V Schottky rectifier suited for switch mode power supplies and high frequency DC to DC converters.

Features
■ Negligible switching losses
■ High junction temperature capability
■ Very small conduction losses
■ Low leakage current
■ Avalanche rated
■ ECOPACK2 component

Applications
■ Switching diode
■ SMPS
■ DC / DC converter
■ Telecom power




Similar Part No. - STPS2170

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2170 STMICROELECTRONICS-STPS2170 Datasheet
333Kb / 8P
Power Schottky rectifier
October 2014 Rev1
STPS2170AF STMICROELECTRONICS-STPS2170AF Datasheet
333Kb / 8P
Power Schottky rectifier
October 2014 Rev1
More results


Similar Description - STPS2170

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
21DQ04 VISHAY-21DQ04 Datasheet
85Kb / 5P
Schottky Rectifier, 2 A
06-Nov-08
21DQ06 VISHAY-21DQ06 Datasheet
87Kb / 5P
Schottky Rectifier, 2 A
06-Nov-08
logo
STMicroelectronics
STPS2H100 STMICROELECTRONICS-STPS2H100_V01 Datasheet
410Kb / 19P
100 V, 2 A power Schottky rectifier
October 2019
STPS3170 STMICROELECTRONICS-STPS3170_V01 Datasheet
383Kb / 13P
170 V, 3 A power Schottky rectifier
October 2019
logo
Vishay Siliconix
VS-20BQ030PBF VISHAY-VS-20BQ030PBF_V01 Datasheet
116Kb / 7P
Schottky Rectifier, 2 A
04-Mar-10
logo
STMicroelectronics
STPS61170C-Y STMICROELECTRONICS-STPS61170C-Y Datasheet
216Kb / 9P
Automotive 170 V, dual 30 A lowdrop power Schottky rectifier
20-Nov-2019
STPS80170C-Y STMICROELECTRONICS-STPS80170C-Y Datasheet
218Kb / 9P
Automotive 170 V, 80 A power Schottky rectifier
20-Nov-2019
STPS240H100TV1Y STMICROELECTRONICS-STPS240H100TV1Y Datasheet
180Kb / 8P
Automotive 100 V, 2 x 120 A, power Schottky rectifier
12-Jun-2020
STPST2H100-Y STMICROELECTRONICS-STPST2H100-Y Datasheet
449Kb / 12P
Automotive 100 V - 2 A power Schottky trench rectifier
16-Dec-2022
STPST2H100 STMICROELECTRONICS-STPST2H100 Datasheet
509Kb / 14P
100 V - 2 A power Schottky trench rectifier
16-Dec-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com