Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2170 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS2170
Description  170 V, 2 A power Schottky rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2170 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS2170 Datasheet HTML 1Page - STMicroelectronics STPS2170 Datasheet HTML 2Page - STMicroelectronics STPS2170 Datasheet HTML 3Page - STMicroelectronics STPS2170 Datasheet HTML 4Page - STMicroelectronics STPS2170 Datasheet HTML 5Page - STMicroelectronics STPS2170 Datasheet HTML 6Page - STMicroelectronics STPS2170 Datasheet HTML 7Page - STMicroelectronics STPS2170 Datasheet HTML 8Page - STMicroelectronics STPS2170 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
•
Negligible switching losses
•
High junction temperature capability
•
Very small conduction losses
•
Low leakage current
•
Avalanche rated
•
ECOPACK2 component
Applications
•
Switching diode
•
SMPS
•
DC / DC converter
•
Telecom power
Description
The STPS2170 is a 170 V Schottky rectifier suited for switch mode power supplies
and high frequency DC to DC converters.
Packaged in SMA Flat and SMA Flat Notch, the STPS2170 is ideal for use in low
voltage, high frequency inverters, freewheeling and polarity protection. Also ideal for
all LED lighting applications where efficiency and space constraint are required.
Product status
STPS2170
Product summary
Symbol
Value
IF(AV)
2 A
VRRM
170 V
T j(max.)
175 °C
VF(typ.)
0.62 V
170 V, 2 A power Schottky rectifier
STPS2170
Datasheet
DS10644 - Rev 2 - October 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS2170

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2170 STMICROELECTRONICS-STPS2170 Datasheet
333Kb / 8P
Power Schottky rectifier
October 2014 Rev1
STPS2170AF STMICROELECTRONICS-STPS2170AF Datasheet
333Kb / 8P
Power Schottky rectifier
October 2014 Rev1
More results

Similar Description - STPS2170

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
21DQ04 VISHAY-21DQ04 Datasheet
85Kb / 5P
Schottky Rectifier, 2 A
06-Nov-08
21DQ06 VISHAY-21DQ06 Datasheet
87Kb / 5P
Schottky Rectifier, 2 A
06-Nov-08
logo
STMicroelectronics
STPS2H100 STMICROELECTRONICS-STPS2H100_V01 Datasheet
410Kb / 19P
100 V, 2 A power Schottky rectifier
October 2019
STPS3170 STMICROELECTRONICS-STPS3170_V01 Datasheet
383Kb / 13P
170 V, 3 A power Schottky rectifier
October 2019
logo
Vishay Siliconix
VS-20BQ030PBF VISHAY-VS-20BQ030PBF_V01 Datasheet
116Kb / 7P
Schottky Rectifier, 2 A
04-Mar-10
logo
STMicroelectronics
STPS61170C-Y STMICROELECTRONICS-STPS61170C-Y Datasheet
216Kb / 9P
Automotive 170 V, dual 30 A lowdrop power Schottky rectifier
20-Nov-2019
STPS80170C-Y STMICROELECTRONICS-STPS80170C-Y Datasheet
218Kb / 9P
Automotive 170 V, 80 A power Schottky rectifier
20-Nov-2019
STPS240H100TV1Y STMICROELECTRONICS-STPS240H100TV1Y Datasheet
180Kb / 8P
Automotive 100 V, 2 x 120 A, power Schottky rectifier
12-Jun-2020
STPST2H100-Y STMICROELECTRONICS-STPST2H100-Y Datasheet
449Kb / 12P
Automotive 100 V - 2 A power Schottky trench rectifier
16-Dec-2022
STPST2H100 STMICROELECTRONICS-STPST2H100 Datasheet
509Kb / 14P
100 V - 2 A power Schottky trench rectifier
16-Dec-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com