Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIR150DP Datasheet (PDF) - Vishay Siliconix

SIR150DP Datasheet PDF - Vishay Siliconix
Part # SIR150DP
Download  SIR150DP Download
File Size   363.43 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 45 V (D-S) MOSFET

SIR150DP Datasheet (PDF)

Go To PDF Page Download Datasheet
SIR150DP Datasheet PDF - Vishay Siliconix

Part # SIR150DP
Download  SIR150DP Click to download

File Size   363.43 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 45 V (D-S) MOSFET

SIR150DP Datasheet (HTML) - Vishay Siliconix


SIR150DP Product details

• TrenchFET® Gen IV power MOSFET
• 45 V Drain-source break-down voltage
• Tuned for low Qg and Qoss
• 100 % Rg and UIS tested




Similar Part No. - SIR150DP

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
SIR15-21C EVERLIGHT-SIR15-21C Datasheet
218Kb / 10P
Chip LED(1.1mm Height)
SIR15-21C/TR8 EVERLIGHT-SIR15-21C/TR8 Datasheet
218Kb / 10P
Chip LED(1.1mm Height)
logo
Vishay Siliconix
SIR158DP VISHAY-SIR158DP Datasheet
143Kb / 13P
N-Channel 30-V (D-S) MOSFET
02-Mar-09
logo
Vishay Telefunken
SIR158DP TFUNK-SIR158DP Datasheet
385Kb / 13P
N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SIR158DP VISHAY-SIR158DP_V01 Datasheet
386Kb / 13P
N-Channel 30 V (D-S) MOSFET
12-May-14
More results


Similar Description - SIR150DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N7000 VISHAY-2N7000 Datasheet
51Kb / 5P
N-Channel 60-V (D-S) MOSFET
16-Jul-01
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
N-Channel 30-V (D-S) MOSFET
23-Nov-98
SI1026X VISHAY-SI1026X_08 Datasheet
113Kb / 5P
N-Channel 60-V (D-S) MOSFET
24-Mar-08
SIDR608DP VISHAY-SIDR608DP Datasheet
229Kb / 9P
N-Channel 45 V (D-S) MOSFET
29-Apr-2019
SIJ150DP VISHAY-SIJ150DP Datasheet
231Kb / 9P
N-Channel 45 V (D-S) MOSFET
22-Jul-2019
SIR608DP VISHAY-SIR608DP Datasheet
249Kb / 9P
N-Channel 45 V (D-S) MOSFET
17-Sep-2018
SISS50DN VISHAY-SISS50DN Datasheet
197Kb / 7P
N-Channel 45 V (D-S) MOSFET
19-Aug-2019
SIJ450DP VISHAY-SIJ450DP Datasheet
239Kb / 10P
N-Channel 45 V (D-S) MOSFET
18-Jan-2021
SIR450DP VISHAY-SIR450DP Datasheet
232Kb / 9P
N-Channel 45 V (D-S) MOSFET
08-Feb-2021
SIDR608EP VISHAY-SIDR608EP Datasheet
180Kb / 7P
N-Channel 45 V (D-S) 175 °C MOSFET
23-Aug-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com