Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIR450DP Datasheet (PDF) - Vishay Siliconix

SIR450DP Datasheet PDF - Vishay Siliconix
Part # SIR450DP
Download  SIR450DP Download
File Size   232.03 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 45 V (D-S) MOSFET

SIR450DP Datasheet (PDF)

Go To PDF Page Download Datasheet
SIR450DP Datasheet PDF - Vishay Siliconix

Part # SIR450DP
Download  SIR450DP Click to download

File Size   232.03 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 45 V (D-S) MOSFET

SIR450DP Datasheet (HTML) - Vishay Siliconix


SIR450DP Product details

FEATURES
• TrenchFET® Gen IV power MOSFET
• 45 V Drain-source break-down voltage
• Tuned for low Qg and Qoss
• 100 % Rg and UIS tested
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Synchronous rectification
• High power density DC/DC
• Motor drive control




Similar Part No. - SIR450DP

ManufacturerPart #DatasheetDescription
logo
ELESTA GmbH
SIR4 ELESTA-SIR4 Datasheet
269Kb / 1P
SIR 4 Series
SIR4-SENS ELESTA-SIR4-SENS Datasheet
270Kb / 1P
SIR 4 sensitive Series
logo
Vishay Siliconix
SIR401DP VISHAY-SIR401DP Datasheet
354Kb / 13P
P-Channel 20 V (D-S) MOSFET
13-Feb-12
SIR401DP-T1-GE3 VISHAY-SIR401DP-T1-GE3 Datasheet
361Kb / 13P
P-Channel 20 V (D-S) MOSFET
13-Feb-12
SIR401DP VISHAY-SIR401DP_V01 Datasheet
361Kb / 13P
P-Channel 20 V (D-S) MOSFET
13-Feb-12
More results


Similar Description - SIR450DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N7000 VISHAY-2N7000 Datasheet
51Kb / 5P
N-Channel 60-V (D-S) MOSFET
16-Jul-01
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
N-Channel 30-V (D-S) MOSFET
23-Nov-98
SI1026X VISHAY-SI1026X_08 Datasheet
113Kb / 5P
N-Channel 60-V (D-S) MOSFET
24-Mar-08
SIDR608DP VISHAY-SIDR608DP Datasheet
229Kb / 9P
N-Channel 45 V (D-S) MOSFET
29-Apr-2019
SIJ150DP VISHAY-SIJ150DP Datasheet
231Kb / 9P
N-Channel 45 V (D-S) MOSFET
22-Jul-2019
SIR150DP VISHAY-SIR150DP Datasheet
363Kb / 12P
N-Channel 45 V (D-S) MOSFET
05-Aug-2019
SIR608DP VISHAY-SIR608DP Datasheet
249Kb / 9P
N-Channel 45 V (D-S) MOSFET
17-Sep-2018
SISS50DN VISHAY-SISS50DN Datasheet
197Kb / 7P
N-Channel 45 V (D-S) MOSFET
19-Aug-2019
SIJ450DP VISHAY-SIJ450DP Datasheet
239Kb / 10P
N-Channel 45 V (D-S) MOSFET
18-Jan-2021
SIDR608EP VISHAY-SIDR608EP Datasheet
180Kb / 7P
N-Channel 45 V (D-S) 175 °C MOSFET
23-Aug-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com