Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIR608DP Datasheet (PDF) - Vishay Siliconix

SIR608DP Datasheet PDF - Vishay Siliconix
Part # SIR608DP
Download  SIR608DP Download
File Size   249.09 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 45 V (D-S) MOSFET

SIR608DP Datasheet (PDF)

Go To PDF Page Download Datasheet
SIR608DP Datasheet PDF - Vishay Siliconix

Part # SIR608DP
Download  SIR608DP Click to download

File Size   249.09 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 45 V (D-S) MOSFET

SIR608DP Datasheet (HTML) - Vishay Siliconix


SIR608DP Product details

• TrenchFET® Gen IV power MOSFET
• 45 V Drain-source break-down voltage
• Tuned for low Qg and Qoss
• 100 % Rg and UIS tested




Similar Part No. - SIR608DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR606BDP VISHAY-SIR606BDP Datasheet
394Kb / 13P
N-Channel 100 V (D-S) MOSFET
23-Oct-17
SIR606BDP-T1-RE3 VISHAY-SIR606BDP-T1-RE3 Datasheet
394Kb / 13P
N-Channel 100 V (D-S) MOSFET
23-Oct-17
SIR606DP VISHAY-SIR606DP Datasheet
401Kb / 13P
N-Channel 100 V (D-S) MOSFET
19-Jan-15
SIR606DP VISHAY-SIR606DP_V01 Datasheet
389Kb / 13P
N-Channel 100 V (D-S) MOSFET
19-Jan-15
More results


Similar Description - SIR608DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N7000 VISHAY-2N7000 Datasheet
51Kb / 5P
N-Channel 60-V (D-S) MOSFET
16-Jul-01
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
N-Channel 30-V (D-S) MOSFET
23-Nov-98
SI1026X VISHAY-SI1026X_08 Datasheet
113Kb / 5P
N-Channel 60-V (D-S) MOSFET
24-Mar-08
SIDR608DP VISHAY-SIDR608DP Datasheet
229Kb / 9P
N-Channel 45 V (D-S) MOSFET
29-Apr-2019
SIJ150DP VISHAY-SIJ150DP Datasheet
231Kb / 9P
N-Channel 45 V (D-S) MOSFET
22-Jul-2019
SIR150DP VISHAY-SIR150DP Datasheet
363Kb / 12P
N-Channel 45 V (D-S) MOSFET
05-Aug-2019
SISS50DN VISHAY-SISS50DN Datasheet
197Kb / 7P
N-Channel 45 V (D-S) MOSFET
19-Aug-2019
SIJ450DP VISHAY-SIJ450DP Datasheet
239Kb / 10P
N-Channel 45 V (D-S) MOSFET
18-Jan-2021
SIR450DP VISHAY-SIR450DP Datasheet
232Kb / 9P
N-Channel 45 V (D-S) MOSFET
08-Feb-2021
SIDR608EP VISHAY-SIDR608EP Datasheet
180Kb / 7P
N-Channel 45 V (D-S) 175 °C MOSFET
23-Aug-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com