Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC2812D Datasheet (PDF) - M.S. Kennedy Corporation

DAC2812D Datasheet PDF - M.S. Kennedy Corporation
Part # DAC2812D
Download  DAC2812D Download
File Size   192.25 Kbytes
Page   7 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description 6W DUAL DC - DC CONVERTERS

DAC2812D Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC2812D Datasheet PDF - M.S. Kennedy Corporation

Part # DAC2812D
Download  DAC2812D Click to download

File Size   192.25 Kbytes
Page   7 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description 6W DUAL DC - DC CONVERTERS

DAC2812D Datasheet (HTML) - M.S. Kennedy Corporation


DAC2812D Product details

DESCRIPTION
The DAC2800D series of DC-DC converters provides the ruggedness reliability and features required to meet the advanced design challenges of todays hi-rel market. This has been accomplished while retaining a power density of 15 W/in3 and 375 mW/gram of power/package performance. The use of advanced substrate and reflow soldering techniques during construction results in a rugged, cost-effective, and completely solderable package.

FEATURES — DUAL OUTPUT
• REPLACES APEX DHC2812D & DHC2815D
• BOTH OUTPUTS FULLY REGULATED
• NO DERATING — –55°C TO +125°C
• HIGH ISOLATION — 500V
• TRACKING OUPUT V ADJUSTMENT — STANDARD
• REMOTE SHUTDOWN
• 11 TO 50V INPUT WITH 5 WATT OUTPUT
• AVAILABLE WITH ±12V OR ±15V OUTPUTS

HI-REL DESIGN
• WAVE SOLDERABLE PACKAGE
• ALL CERAMIC CAPACITORS
• SURFACE MOUNT MAGNETICS




Similar Part No. - DAC2812D

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
DAC2812D MSK-DAC2812D_15 Datasheet
415Kb / 9P
Wave Solderable Package
More results


Similar Description - DAC2812D

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
DHC2800S MSK-DHC2800S Datasheet
265Kb / 9P
6W DC-DC CONVERTERS
MSKDHC2800SRG MSK-MSKDHC2800SRG Datasheet
411Kb / 9P
6W DC-DC CONVERTERS
logo
MicroPower Direct, LLC
A600ERU MPD-A600ERU Datasheet
193Kb / 2P
Single & Dual Output, 6W Ultra-Wide Input Range DC/DC Converters
logo
Murata Manufacturing Co...
NDS6S2405C MURATA-NDS6S2405C Datasheet
235Kb / 6P
Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MD605S-03FW MPD-MD605S-03FW Datasheet
808Kb / 4P
2:1 Input, 6W SIP, Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NCM6 MURATA-PS-NCM6 Datasheet
536Kb / 19P
Isolated 6W Wide Input Single & Dual Output DC/DC Converters
NDS6 MURATA-PS-NDS6 Datasheet
146Kb / 6P
Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP06DA TOPPOWER-TP06DA Datasheet
201Kb / 4P
6W Wide Input Voltage DC/DC Converters
TP06DB TOPPOWER-TP06DB Datasheet
186Kb / 4P
6W Wide Voltage Input DC/DC Converters
logo
Anaren Microwave
DHC2800S ANAREN-DHC2800S Datasheet
412Kb / 9P
6W DC-DC CONVERTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com