Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC2812D Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # DAC2812D
Description  6W DUAL DC - DC CONVERTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

DAC2812D Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  DAC2812D Datasheet HTML 1Page - M.S. Kennedy Corporation DAC2812D Datasheet HTML 2Page - M.S. Kennedy Corporation DAC2812D Datasheet HTML 3Page - M.S. Kennedy Corporation DAC2812D Datasheet HTML 4Page - M.S. Kennedy Corporation DAC2812D Datasheet HTML 5Page - M.S. Kennedy Corporation DAC2812D Datasheet HTML 6Page - M.S. Kennedy Corporation DAC2812D Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HI-REL DESIGN
• WAVE SOLDERABLE PACKAGE
• ALL CERAMIC CAPACITORS
• SURFACE MOUNT MAGNETICS
FEATURES — DUAL OUTPUT
• REPLACES APEX DHC2812D & DHC2815D
• BOTH OUTPUTS FULLY REGULATED
• NO DERATING — –55°C TO +125°C
• HIGH ISOLATION — 500V
• TRACKING OUPUT
V
ADJUSTMENT —
STANDARD
• REMOTE
SHUTDOWN
• 11 TO 50V INPUT WITH 5 WATT OUTPUT
• AVAILABLE WITH ±12V OR ±15V OUTPUTS
DESCRIPTION
The DAC2800D series of DC-DC converters provides the
ruggedness reliability and features required to meet the ad-
vanced design challenges of today's hi-rel market. This has
been accomplished while retaining a power density of 15 W/
in3 and 375 mW/gram of power/package performance. The
use of advanced substrate and reflow soldering techniques
during construction results in a rugged, cost-effective, and
completely solderable package.
The DAC2800D hybrid converter series utilizes all ceramic
capacitors, surface mount magnetics, and ultrasonically
bonded wires to provide reliable operation at all operating
temperatures while surviving G forces of up to 500 G.
The DAC2800D series has two fully regulated tracking
outputs. Standard features include output fault monitoring
and/or turn on voltage point programming via the shutdown
pin. All three functions may be implemented simultaneously
with a minimum of external components. An output voltage
adjustment / load compensation pin which adjusts both out-
puts simultaneously is also standard.
Fault tolerant design protects these converters from most
external circuit faults. The +output and output adjust pins will
withstand +25 V while the shutdown pin will withstand +50 V,
protecting the converters from a variety of system or board
faults e.g. solder bridges etc. Unique load fault protection
circuitry allows this converter to pull up loads having difficult
static load line characteristics and allows short term load
excursions significantly beyond ratings in most applications.
A transformer isolated flyback converter topology operating
at a switching frequency of 400 kHz allows operation over a
wide input voltage range. Internal filtering of outputs elimi-
nates the need for external capacitors in many applications.
The 8-pin DIP package is hermetically sealed and isolated
from the internal circuits. Heat sinking is recommended for full
power operation at elevated ambient temperatures.
TYPICAL APPLICATION
BLOCK DIAGRAM
EXTERNAL CONNECTIONS
P W M
FEED FORWARD
CONTROLLER
ERROR AMPLIFIER
REFERENCE AND
ISOLATION
4
3
1
2
6
5
7
PASS
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
DAC2800D
SERIES
ISO-9001 CERTIFIED BY DSCC
6W
DUAL DC-DC
CONVERTERS
Rev. B 12/03
1
1
2
3
4
5
+OUTPUT
OUTPUT COMMON
-OUTPUT
ADJUST/COMP
SHUTDOWN PLUS
8
7
6
CASE
-INPUT
+INPUT


Similar Part No. - DAC2812D

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
DAC2812D MSK-DAC2812D_15 Datasheet
415Kb / 9P
Wave Solderable Package
More results

Similar Description - DAC2812D

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
DHC2800S MSK-DHC2800S Datasheet
265Kb / 9P
6W DC-DC CONVERTERS
MSKDHC2800SRG MSK-MSKDHC2800SRG Datasheet
411Kb / 9P
6W DC-DC CONVERTERS
logo
MicroPower Direct, LLC
A600ERU MPD-A600ERU Datasheet
193Kb / 2P
Single & Dual Output, 6W Ultra-Wide Input Range DC/DC Converters
logo
Murata Manufacturing Co...
NDS6S2405C MURATA-NDS6S2405C Datasheet
235Kb / 6P
Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MD605S-03FW MPD-MD605S-03FW Datasheet
808Kb / 4P
2:1 Input, 6W SIP, Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NCM6 MURATA-PS-NCM6 Datasheet
536Kb / 19P
Isolated 6W Wide Input Single & Dual Output DC/DC Converters
NDS6 MURATA-PS-NDS6 Datasheet
146Kb / 6P
Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP06DA TOPPOWER-TP06DA Datasheet
201Kb / 4P
6W Wide Input Voltage DC/DC Converters
TP06DB TOPPOWER-TP06DB Datasheet
186Kb / 4P
6W Wide Voltage Input DC/DC Converters
logo
Anaren Microwave
DHC2800S ANAREN-DHC2800S Datasheet
412Kb / 9P
6W DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com