Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC2812D Datasheet(PDF) 4 Page - M.S. Kennedy Corporation

Part # DAC2812D
Description  6W DUAL DC - DC CONVERTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

DAC2812D Datasheet(HTML) 4 Page - M.S. Kennedy Corporation

  DAC2812D Datasheet HTML 1Page - M.S. Kennedy Corporation DAC2812D Datasheet HTML 2Page - M.S. Kennedy Corporation DAC2812D Datasheet HTML 3Page - M.S. Kennedy Corporation DAC2812D Datasheet HTML 4Page - M.S. Kennedy Corporation DAC2812D Datasheet HTML 5Page - M.S. Kennedy Corporation DAC2812D Datasheet HTML 6Page - M.S. Kennedy Corporation DAC2812D Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TYPICAL PERFORMANCE
GRAPHS
DAC2812D
01
56
OUTPUT CURRENT, POUT (W)
10
11
12
13
14
15
16
LOW LINE DROP OUT
23
4
10K
90K
60K
20K
30K 40K
LINE TRANSIENT RESPONSE
EFFICIENCY CONTOURS
30
50
40
10
20
OUTPUT POWER, POUT (W)
4
12
3
5
SET POINT RESISTOR, RSP (Ω)
TIME, t (10msec/DIV)
12
16
20
24
28
TURN ON THRESHOLD
TURN ON RESPONSE
FREQUENCY, f (Hz)
–100
AUDIO REJECTION
0
–20
–40
1K
10K
100K
–60
–80
+12V
0V
–12V
+VOUT
VIN
TEMP = 25
°C
40%
50%
55%
60%
63%
66%
65%
EFFICIENCY CONTOURS
30
50
40
10
20
OUTPUT CURRENT, POUT (W)
TEMP = 125
°C
40%
50%
55%
58%
60%
62%
63%
EFFICIENCY CONTOURS
30
50
40
10
20
OUTPUT POWER, POUT (W)
5
2
13
4
5
2
13
4
TEMP =
–55
°C
40%
50%
55%
67%
59%
62%
65%
TIME, t (100
µsec/DIV)
TIME, t (100
µsec/DIV)
– LOAD TRANSIENT RESPONSE
OUTPUT LOAD = 225mA
OUTPUT LOAD = 225mA
NO OUTPUT BUS CAPACITANCE
NO OUTPUT CAPACITANCE
INCLUDES 50
µF ON
EACH OUTPUT
TIME, t (100
µsec/DIV)
+ LOAD TRANSIENT RESPONSE
360mA
360mA
+LOAD
–LOAD
+VOUT
+VOUT
+VOUT
VIN
16V
–VOUT
90mA
90mA
NO OUTPUT BUS CAPCITANCE
VIN = 28V
IOUT = 225 mA
–VOUT
–LOAD = 90mA
–VOUT
+LOAD = 90mA
40V
+VOUT
28V
Rev. B 12/03
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com