Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC2812D Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # DAC2812D
Description  6W DUAL DC - DC CONVERTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

DAC2812D Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  DAC2812D Datasheet HTML 1Page - M.S. Kennedy Corporation DAC2812D Datasheet HTML 2Page - M.S. Kennedy Corporation DAC2812D Datasheet HTML 3Page - M.S. Kennedy Corporation DAC2812D Datasheet HTML 4Page - M.S. Kennedy Corporation DAC2812D Datasheet HTML 5Page - M.S. Kennedy Corporation DAC2812D Datasheet HTML 6Page - M.S. Kennedy Corporation DAC2812D Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
DAC2812D•DAC2815D
NOTES:
1.
Unless otherwise stated T
C = 25°, VIN = 28V, –Io= +Io= 100%,
2.
Regulation measured on output pins 1/16" from case. I
o= 100% means 2.5 or 2.7 watts.
3.
Capacitors should be connected from + to common and – to common only.
Capacitance value imbalance should not be more than 4:1.
4.
Up to 80% of total load may be drawn from either output.
PACKAGE & THERMAL SPECIFICATIONS
MIN
TYP
MAX
UNITS
WEIGHT
14GRAMS
TEMPERATURE RISE, junction to case
17
25
°C
TEMPERATURE RISE, ambient
30
°C/W
Rev. B 12/03
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com