Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4697BCPZ Datasheet (PDF) - Analog Devices

AD4697BCPZ Datasheet PDF - Analog Devices
Part # AD4697BCPZ
Download  AD4697BCPZ Download
File Size   5154.41 Kbytes
Page   107 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC

AD4697BCPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD4697BCPZ Datasheet PDF - Analog Devices

Part # AD4697BCPZ
Download  AD4697BCPZ Click to download

File Size   5154.41 Kbytes
Page   107 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC

AD4697BCPZ Datasheet (HTML) - Analog Devices


AD4697BCPZ Product details

GENERAL DESCRIPTION
The AD4697/AD4698 are compact, high accuracy, low power,
8-channel, 16-bit, 500 kSPS/1 MSPS, multiplexed input precision,
successive approximation register (SAR) analog-to-digital converters
(ADCs) with Easy Drive features and extensive digital functionality.
The AD4697/AD4698 are optimal for use in space constrained,
multichannel, precision data acquisition systems and monitoring
circuits. The AD4697/AD4698 feature a true 16-bit SAR ADC core
with no missing codes, an 8-channel, low crosstalk multiplexer, a
flexible channel sequencer, overvoltage protection clamp circuits on
each analog input, on-chip oversampling and decimation, threshold
detection and alert indicators, and an autonomous conversion (autocycle)
mode.
The AD4697/AD4698 Easy Drive features relax the drive requirements
of the analog front end (AFE) and reference circuitry. Analog
input high-Z mode and reference input high‑Z mode simplify system
designs, reduce component count, and increase channel density
by removing the need for dedicated high speed ADC drivers and
reference buffers. The WLCSP option of the AD4698 includes an
internal reference buffer, which provides a true, buffered reference
input.
Input overvoltage protection clamps on each analog input protect
the AD4697/AD4698 from overvoltage events and prevent overvoltage
events on one channel from degrading performance on other
channels (see Figure 27).
Advanced digital functionality makes the AD4697/AD4698 compatible
with a variety of low power digital hosts. The low serial peripheral
interface (SPI) clock rate requirements, on-chip customizable
channel sequencers, and oversampling and decimation reduce the
burden on the digital host system. Autocycle mode and threshold
detection features enable low power, interrupt driven firmware design
by performing conversions autonomously and generating alerts
based on channel specific threshold limits.
The AD4697/AD4698 are available in a 4.00 mm × 4.00 mm,
24-lead lead frame chip scale package (LFCSP) and the AD4698 is
available in a 2.960 mm × 2.960 mm, 36-lead wafer level chip scale
package (WLCSP). All packages are specified with operation from
−40°C to +125°C.

FEATURES
► Easy Drive
► Reduced analog input and reference drive requirements
► On-chip reference buffer (WLCSP only)
► Overvoltage protection up to 5 mA on each analog input
► Long acquisition phase, ≥71.5% (715 ns/1000 ns) of cycle time at 1 MSPS
► High performance
► Sample rate: 500 kSPS (AD4697) or 1 MSPS (AD4698)
► INL: ±1 LSB maximum
► Guaranteed 16-bit, no missing codes
► SINAD: 93 dB typical, fIN = 1 kHz
► Oversampled dynamic range: 111.2 dB, OSR = 64
► Small footprint, high channel density
► 24-lead, 4.00 mm × 4.00 mm LFCSP
► 36-lead, 2.960 mm × 2.960 mm WLCSP
► Easy Drive features support system level designs with fewer components
► Enhanced digital functionality
► First conversion accurate, no latency or pipeline delay
► Fast conversion time and dual-/quad-SDO modes allow low SPI clock rates
► Customizable channel sequencer
► On-chip oversampling and decimation
► Threshold detection alerts
► Offset and gain correction
► Autonomous conversion (autocycle) mode
► 1.14 V to 1.98 V logic SPI
► Low power
► 8 mW at fS = 1 MSPS and 4 mW at fS = 500 kSPS
► 4 μW standby power dissipation with the internal LDO disabled
► Internal LDO enables 3.15 V to 5.5 V, single analog supply operation
► Wide operating temperature range: −40°C to +125°C

APPLICATIONS
► Photodiode monitoring
► Medical instrumentation
► Vital signs monitoring
► Electronic test and measurement
► Automated test equipment
► Instrumentation and process control
► Battery-powered equipment




Similar Part No. - AD4697BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4691 AD-AD4691 Datasheet
2Mb / 81P
16-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel
Rev. 0
AD4691BCBZ-RL7 AD-AD4691BCBZ-RL7 Datasheet
2Mb / 81P
16-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel
Rev. 0
AD4691BCPZ AD-AD4691BCPZ Datasheet
2Mb / 81P
16-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel
Rev. 0
AD4691BCPZ-RL7 AD-AD4691BCPZ-RL7 Datasheet
2Mb / 81P
16-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel
Rev. 0
AD4692 AD-AD4692 Datasheet
2Mb / 81P
16-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel
Rev. 0
More results


Similar Description - AD4697BCPZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8168 TI1-ADS8168 Datasheet
976Kb / 78P
8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
ADS8166 TI1-ADS8166 Datasheet
1Mb / 82P
8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
ADS8166 TI1-ADS8166_18 Datasheet
1Mb / 83P
8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
ADS8166_1812 TI1-ADS8166_1812 Datasheet
2Mb / 93P
8-Channel, 16-Bit, 1-MSPS, SAR ADC With Easy-to-Drive Analog Inputs
ADS8166 TI1-ADS8166_19 Datasheet
2Mb / 93P
8-Channel, 16-Bit, 1-MSPS, SAR ADC With Easy-to-Drive Analog Inputs
logo
Analog Devices
AD4022 AD-AD4022 Datasheet
1Mb / 39P
20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
11/2019-Rev. A to Rev. B
AD4695 AD-AD4695 Datasheet
1Mb / 96P
16-Bit, 16-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADCs
12/2020-Revision 0
logo
Microchip Technology
MCP33131 MICROCHIP-MCP33131 Datasheet
2Mb / 54P
1 Msps/500 kSPS 16/14/12-Bit Single-Ended Input SAR ADC
10/25/17
MCP33131D MICROCHIP-MCP33131D Datasheet
3Mb / 59P
1 Msps/500 kSPS 16/14/12-Bit Differential Input SAR ADC
08/15/18
MCP33151D-XX MICROCHIP-MCP33151D-XX Datasheet
3Mb / 66P
1 Msps/500 kSPS, 14/12-Bit Differential Input SAR ADC
05/14/19
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com