Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4697BCPZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD4697BCPZ
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ Datasheet(HTML) 2 Page - Analog Devices

  AD4697BCPZ Datasheet HTML 1Page - Analog Devices AD4697BCPZ Datasheet HTML 2Page - Analog Devices AD4697BCPZ Datasheet HTML 3Page - Analog Devices AD4697BCPZ Datasheet HTML 4Page - Analog Devices AD4697BCPZ Datasheet HTML 5Page - Analog Devices AD4697BCPZ Datasheet HTML 6Page - Analog Devices AD4697BCPZ Datasheet HTML 7Page - Analog Devices AD4697BCPZ Datasheet HTML 8Page - Analog Devices AD4697BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 107 page
background image
Data Sheet
AD4697/AD4698
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 107
Features................................................................ 1
Applications........................................................... 1
General Description...............................................1
Functional Block Diagram......................................3
Specifications........................................................ 4
Timing Specifications......................................... 9
Absolute Maximum Ratings................................. 11
Thermal Resistance..........................................11
Electrostatic Discharge (ESD) Ratings.............11
ESD Caution.....................................................11
Pin Configuration and Function Descriptions...... 12
Typical Performance Characteristics................... 15
Terminology......................................................... 25
Theory of Operation.............................................26
Overview.......................................................... 26
Converter Operation.........................................26
Transfer Function............................................. 28
Analog Inputs................................................... 30
Input Overvoltage Protection Clamps...............33
Temperature Sensor.........................................34
Voltage Reference Input...................................34
Power Supplies................................................ 35
Oversampling and Decimation......................... 36
Offset and Gain Correction...............................37
Threshold Detection and Alert Indicators......... 37
Busy Indicator...................................................40
Channel Sequencing Modes............................ 40
Digital Interface....................................................45
Register Configuration Mode............................45
Conversion Mode............................................. 52
Autocycle Mode................................................62
General-Purpose Pins......................................64
Device Reset....................................................65
Applications Information...................................... 69
Analog Front-End Design.................................70
Analog Input Overvoltage Protection................73
Reference Circuitry Design.............................. 73
Optimizing Reference Buffer Startup................75
Converting Between Codes and Volts..............76
Oversampling for Noise Reduction...................76
Digital Interface Operation................................76
Device Configuration Recommendations......... 84
Effective Channel Sample Rate....................... 85
Layout Guidelines.............................................88
Evaluating AD4697/AD4698 Performance....... 88
Register Information............................................ 89
Register Overview............................................ 89
Register Details................................................ 90
Outline Dimensions........................................... 107
Ordering Guide ..............................................107
REVISION HISTORY
4/2022—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com