Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4697BCPZ Datasheet(PDF) 40 Page - Analog Devices

Part # AD4697BCPZ
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ Datasheet(HTML) 40 Page - Analog Devices

Back Button AD4697BCPZ Datasheet HTML 36Page - Analog Devices AD4697BCPZ Datasheet HTML 37Page - Analog Devices AD4697BCPZ Datasheet HTML 38Page - Analog Devices AD4697BCPZ Datasheet HTML 39Page - Analog Devices AD4697BCPZ Datasheet HTML 40Page - Analog Devices AD4697BCPZ Datasheet HTML 41Page - Analog Devices AD4697BCPZ Datasheet HTML 42Page - Analog Devices AD4697BCPZ Datasheet HTML 43Page - Analog Devices AD4697BCPZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 107 page
background image
Data Sheet
AD4697/AD4698
THEORY OF OPERATION
analog.com
Rev. 0 | 40 of 107
BUSY INDICATOR
The busy indicator acts as a data ready signal that can be used
to trigger an interrupt service routine on the digital host to initiate
an SPI transaction to read the ADC result (see the Conversion
Mode section and SPI Peripheral Synchronization in Conversion
Mode section). The busy indicator can be enabled on the serial
data outputs and on some of the general-purpose pins.
Busy Indicator on Serial Data Outputs
When the busy indicator is enabled on the serial data outputs, the
serial data outputs are high impedance while the ADC is in the
conversion phase, and transition low when the ADC result is ready.
Set the SDO_STATE bit in the setup register to 1 to enable the busy
indicator on the serial data outputs.
Figure 94 through Figure 99 show the relative timing of the CNV
rising edges to the busy indicator on the serial data outputs.
The serial data output mode selected by the SDO_MODE bit field
determines which pins are assigned as the serial data outputs
(see the Serial Data Output Modes section). When SDO_STATE
is set to 1, the busy indicator is enabled on all pins assigned
as serial data outputs. When single-SDO mode is selected, the
busy indicator is only output on SDO. When dual-SDO mode or
quad-SDO mode is selected, the busy indicator is also output on
the relevant general-purpose pins as indicated in Table 19.
When enabling the busy indicator on the serial data outputs, place
pull-up resistors (2 kΩ minimum) on each utilized pin to ensure that
the serial data output lines are pulled high until the ADC result is
ready.
The serial data outputs are forced to a high impedance state
whenever the CS pin is driven high. If the CS pin is high when the
ADC result is ready, the serial data outputs remain high impedance
until the CS pin is brought low (see the Digital Interface section).
Busy Indicator on General-Purpose Pins
When the busy indicator is enabled on a general-purpose pin, the
selected general-purpose pin is driven high while the ADC is in
the conversion phase, and transitions low when the ADC result is
ready. Set the BUSY_GP_EN bit in the GP_MODE register to 1 to
enable the busy indicator on the selected general-purpose pin.
Figure 94 through Figure 99 show the relative timing of CNV rising
edges to the busy indicator rising and falling edges.
On the WLCSP option of the AD4698, the busy indicator can be
enabled on either the BSY_ALT_GP0 pin or the GP3 pin. The
BUSY_GP_SEL bit in the GP_MODE register selects which of the
general-purpose pins are configured as the busy indicator. Set the
BUSY_GP_EN bit in the GP_MODE register to 1 to enable the busy
indicator on the selected general-purpose pin.
On the LFCSP option of the AD4697/AD4698, the busy indicator
can be enabled only on the BSY_ALT_GP0 pin, and the state of
the BUSY_GP_SEL bit has no impact on device behavior. Set the
BUSY_GP_EN bit in the GP_MODE register to 1 to enable the busy
indicator on the BSY_ALT_GP0 pin.
When a general-purpose pin is assigned as the busy indicator, it is
not forced to high impedance when the CS pin is high, which allows
the digital host to leave the serial interface completely disabled until
a busy indicator falling edge is registered (see the SPI Peripheral
Synchronization in Conversion Mode section).
The BSY_ALT_GP0 and GP3 pins can also be configured to per-
form other functions than the busy indicator, and all other higher
priority functions must be disabled to configure these functions as
the busy indicator. See the General-Purpose Pins section for details
on configuring the general-purpose pins.
CHANNEL SEQUENCING MODES
In conversion mode, the AD4697/AD4698 multiplexer channel up-
dates once per conversion period at the start of the ADC core
acquisition phase, as described in the Converter Operation section.
The multiplexer is controlled by internal channel sequencing logic,
and there are four options for programming the channel sequence.
The standard sequencer and advanced sequencer automates pro-
gression through a preprogrammed channel sequence. When either
the standard sequencer or advanced sequencer is enabled, the dig-
ital host is not required to provide channel sequencing instructions
while reading conversion results over the SPI, which reduces the
digital resource requirements.
Two-cycle command mode and single-cycle command mode allow
the digital host to directly control the channel sequence via 5-bit
commands written over the serial interface during conversion data
readback frames. Two-cycle command mode and single-cycle com-
mand mode enable systems with dynamic and adaptive channel
sequencing requirements, such as control loop applications.
Figure 76 through Figure 80 show conversion mode example timing
diagrams of the AD4697/AD4698 multiplexer channel selection,
ADC sampling, and conversion data output relative to the channel
sequencing settings and the CNV signal. The BUSY signal refers
to the busy indicator, which can be enabled on the BSY_ALT_GP0
pin, the GP3 pin, or the serial data outputs, as described in the
Busy Indicator section. The SDOx signal refers to the SDO pin
plus the addition serial data output signals if dual-SDO mode or
quad-SDO mode is enabled, as described in the Serial Data Output
Modes section.
Table 15 lists the configuration settings used to select from the four
channel sequencing modes. Both the STD_SEQ_EN bit and the
NUM_SLOTS_AS bit field are located in the SEQ_CTRL register.
The CYC_CTRL bit is located in the setup register.
As noted in the Channel Configuration Options section, when even
and odd numbered inputs are paired, selecting the odd numbered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com