Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4697BCPZ Datasheet(PDF) 62 Page - Analog Devices

Part # AD4697BCPZ
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ Datasheet(HTML) 62 Page - Analog Devices

Back Button AD4697BCPZ Datasheet HTML 58Page - Analog Devices AD4697BCPZ Datasheet HTML 59Page - Analog Devices AD4697BCPZ Datasheet HTML 60Page - Analog Devices AD4697BCPZ Datasheet HTML 61Page - Analog Devices AD4697BCPZ Datasheet HTML 62Page - Analog Devices AD4697BCPZ Datasheet HTML 63Page - Analog Devices AD4697BCPZ Datasheet HTML 64Page - Analog Devices AD4697BCPZ Datasheet HTML 65Page - Analog Devices AD4697BCPZ Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 107 page
background image
Data Sheet
AD4697/AD4698
DIGITAL INTERFACE
analog.com
Rev. 0 | 62 of 107
AUTOCYCLE MODE
The AD4697/AD4698 can be configured to convert autonomously
on a user-programmed channel sequence, which is the ideal mode
of operation for system monitoring. When autocycle mode is ena-
bled, the AD4697/AD4698 generate an internal clock that acts as
the convert start signal, and the digital host is not required to gen-
erate a signal on the CNV signal. The internal convert start clock
is enabled when the AD4697/AD4698 enter conversion mode. The
internal convert start clock is disabled when the AD4697/AD4698
enter register configuration mode. Therefore, conversions only oc-
cur when the AD4697/AD4698 are in conversion mode.
Autocycle mode can be used in conjunction with the busy indicator,
threshold detection alerts, and the standard or advanced sequenc-
ers to reduce overhead for the digital host system. The threshold
detection alert indicator can be assigned to a general-purpose
pin and used as an interrupt to indicate a predetermined out of
bounds event. The threshold detection interrupt service routine
can optionally trigger an SPI instruction to read back the most
recent conversion result and exit conversion mode to determine
the specific type of out of bounds event using the alert indicator
registers (ALERT_STATUS1 to ALERT_STATUS2).
Autocycle mode is intended to be used with the standard sequencer
and advanced sequencer. Autocycle mode can optionally be used
with two-cycle command mode and single-cycle command mode,
but the digital host must transmit the 5-bit SDI commands for
selecting channels.
Autocycle mode is enabled when the AC_EN bit in the AC_CTRL
register is set to 1. There are eight options for the period of the
internal convert start signal. The convert start signal period is
selected with the AC_CYC bit field in the AC_CTRL register.
Table 24 shows the conversion period and corresponding sample
rates for each AC_CYC value.
Upon exiting autocycle mode and entering register configuration
mode, it is recommended to reset the AD4697/AD4698 before
reentering autocycle mode.
Table 24. Autocycle Mode Conversion Period Options
AC_CYC, Bits[2:0] Value
Conversion Period (μs)
Sample Rate (kSPS)
0x0
10
100
0x1
20
50
Table 24. Autocycle Mode Conversion Period Options
AC_CYC, Bits[2:0] Value
Conversion Period (μs)
Sample Rate (kSPS)
0x2
40
25
0x3
80
12.5
0x4
100
10
0x5
200
5
0x6
400
2.5
0x7
800
1.25
Note that the SPI transactions when autocycle mode is enabled
must adhere to the timing specifications of conversion mode (see
the Conversion Mode section and Table 2). Figure 125 shows a
timing diagram with the recommended general-purpose pin assign-
ments to synchronize the digital host with the AD4697/AD4698
with autocycle mode enabled. Either the alert indicator or the busy
indicator can be assigned to the general-purpose pins to determine
when the digital host can initiate the SPI transaction; however, only
the WLCSP options support assigning the alert and busy indicators
to separate the general-purpose pins. See the General-Purpose
Pins section for a description of configuring the general-purpose
pins to output the busy indicator and the alert indicator.
As shown in Figure 103, SPI transactions when using autocycle
mode must not start before tCONVERT has elapsed. The busy indica-
tor or the alert indicator must be used to ensure that the digital
host is synchronized to the internal convert start clock (see the
SPI Peripheral Synchronization in Autocycle Mode section). The
SCK rate must also be fast enough to complete the desired SPI
transaction before the next conversion begins (see the Conversion
Mode SPI Clock Frequency Requirements section).
The tACBSY specification dictates how long the busy indicator is
low between two conversions when autocycle mode is enabled.
The tSCKCNV specification dictates how much time must be given
between the final SCK rising edge of the SPI transaction and the
start of the next conversion.
The tCNVALT specification indicates the delay between the start
of the conversion and when the alert indicator state is updated.
A rising edge of the alert indicator does not directly imply that
the AD4697/AD4698 interface is ready for an SPI transaction but
can be used as an interrupt to trigger an SPI transaction if the
transaction is completed before the remainder of tCYC elapses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com