Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4697BCPZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD4697BCPZ
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD4697BCPZ Datasheet HTML 8Page - Analog Devices AD4697BCPZ Datasheet HTML 9Page - Analog Devices AD4697BCPZ Datasheet HTML 10Page - Analog Devices AD4697BCPZ Datasheet HTML 11Page - Analog Devices AD4697BCPZ Datasheet HTML 12Page - Analog Devices AD4697BCPZ Datasheet HTML 13Page - Analog Devices AD4697BCPZ Datasheet HTML 14Page - Analog Devices AD4697BCPZ Datasheet HTML 15Page - Analog Devices AD4697BCPZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 107 page
background image
Data Sheet
AD4697/AD4698
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 12 of 107
Figure 2. AD4697/AD4698 LFCSP Pin Configuration
Table 7. AD4697/AD4698 LFCSP Pin Function Descriptions
Pin
No.
Mnemonic.
Type1
Description
1
IN1
AI
Analog Input 1.
2
IN2
AI
Analog Input 2.
3
IN3
AI
Analog Input 3.
4
COM
AI
Common Channel Input. IN0 to IN7 can be paired with COM for the ADC core to sample the differential voltage between them. COM
is nominally tied to signal ground (unipolar mode) or VREF/2 (pseudobipolar mode). See the Channel Configuration Options section
for a detailed description on pairing inputs, unipolar mode, and pseudobipolar mode.
5
IN4
AI
Analog Input 4.
6
IN5
AI
Analog Input 5.
7
IN6
AI
Analog Input 6.
8
IN7
AI
Analog Input 7.
9
AGND
P
Analog Supply Ground. AVDD, LDO_IN, and VDD are referenced to AGND.
10
AVDD
P
Analog Power Supply. AVDD is nominally 3.15 V to 5.5 V. Decouple AVDD to AGND with a local 100 nF capacitor.
11
LDO_IN
P
Internal LDO Input. LDO_IN is nominally 2.4 V to 5.5 V when the internal LDO is enabled. Decouple LDO_IN to AGND with a
local 100 nF capacitor. If powering VDD with an external 1.8 V rail, tie LDO_IN to AGND. See the Internal LDO section for more
information.
12
VDD
P
ADC Core Power Supply. VDD is nominally 1.8 V. VDD must be decoupled with a local 100 nF capacitor to AGND. When the internal
LDO is enabled, VDD is internally generated. Disable the internal LDO when supplying VDD from an external source.
13
RESET
DI
Hardware Reset Input. Drive RESET low to perform a hardware reset of the device and reset the register states to the default values
(see the Device Reset section).
14
VIO
P
Input/Output Interface Digital Power. VIO is nominally the same supply as the host interface (for example, 1.2 V to 1.8 V). Decouple
VIO to IOGND with a local 100 nF capacitor.
15
IOGND
P
Input/Output Interface Digital Supply Ground. VIO is referenced to IOGND.
16
BSY_ALT_GP0
DI/DO
General-Purpose Pin 0. On the LFCSP option, BSY_ALT_GP0 can be configured to function as a general-purpose input/output
(GPIO), the threshold detection alert indicator, the busy indicator, or the second serial data output in dual-SDO mode (see the
General-Purpose Pins section).
17
SDO
DO
Serial Data Output. When the device is configured in register configuration mode, SDO is used to read the configuration register data
during SPI read transactions. When the device is configured in conversion mode, SDO is used to read the conversion results. Data
output is synchronized to the falling edge of SCK.
18
SCK
DI
Serial Data Clock Input. SCK is used to clock out data on SDO and clock in data on SDI while the device is configured in either
register configuration mode or conversion mode.
19
SDI
DI
Serial Data Input. When the device is configured in register configuration mode, SDI is used to perform SPI read and write
transactions to access the configuration registers. In conversion mode, SDI receives 5-bit commands from the digital host, as shown
in Table 18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com