Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4697BCPZ Datasheet(PDF) 46 Page - Analog Devices

Part # AD4697BCPZ
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ Datasheet(HTML) 46 Page - Analog Devices

Back Button AD4697BCPZ Datasheet HTML 42Page - Analog Devices AD4697BCPZ Datasheet HTML 43Page - Analog Devices AD4697BCPZ Datasheet HTML 44Page - Analog Devices AD4697BCPZ Datasheet HTML 45Page - Analog Devices AD4697BCPZ Datasheet HTML 46Page - Analog Devices AD4697BCPZ Datasheet HTML 47Page - Analog Devices AD4697BCPZ Datasheet HTML 48Page - Analog Devices AD4697BCPZ Datasheet HTML 49Page - Analog Devices AD4697BCPZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 107 page
background image
Data Sheet
AD4697/AD4698
DIGITAL INTERFACE
analog.com
Rev. 0 | 46 of 107
ed, and the address decrements after each byte is accessed. When
the ADDR_DIR bit is set to 1, the ascending address option is
selected and the address increments after each byte is accessed.
The descending address option is selected by default.
Multibyte Register Access
Some AD4697/AD4698 configuration registers contain multiple
bytes of data stored in adjacent address locations in memory.
These registers are referred to as multibyte registers. The address
of each multibyte register is defined as the address of its least
significant byte, but the multibyte register contents extend across
multiple register addresses. For example, the STD_SEQ_CONFIG
register (Address 0x024) is two bytes long, the address of its least
significant byte is 0x024, and the address of its most significant
byte is 0x025. Table 31 specifies whether registers are single byte
or multibyte.
The state of the MB_STRICT bit in the SPI_CONFIG_C register
determines whether multibyte registers are treated as a single unit
of memory with one register address or as multiple registers that
are each one byte long with individual register addresses.
When the MB_STRICT bit is set to 0, each byte of a multibyte
register must be read from or written to individually, which allows
the digital host to access one byte of a multibyte register without
accessing the other byte(s). With this setting, all data phases
in an SPI frame consist of a single byte rather than the entire
multibyte register, and each byte in a multibyte register is directly
addressable. The contents of either byte are updated by an SPI
write transaction as long as new data is provided for that entire
byte. Figure 85 and Figure 90 show examples where individual
bytes in a multibyte register (address = 0x0043) are accessed over
multiple SPI transactions in streaming mode and single instruction
mode with MB_STRICT = 0.
When the MB_STRICT bit is set to 1, all bytes of a multibyte
register must be read from or written to in the same SPI transaction.
With this setting, the data phase includes all bytes when accessing
a multibyte register. If the digital host fails to read from or write to
the entire multibyte register, the SPI transaction is considered inva-
lid, and the MB_ERROR flag in the SPI_STATUS register is set to
1. This setting ensures that all modes or enable bits associated with
a multibyte register are updated simultaneously. The MB_STRICT
bit is set to 1 by default.
When the MB_STRICT bit is set to 1, the order in which each
byte of a multibyte register is read from or written to depends on
the selected address direction option (see the Address Direction
Options section). With the descending addresses option selected,
the first byte accessed in the data phase is the most significant byte
of the multibyte register, and each subsequent byte corresponds to
the data in the next lowest address. With the ascending addresses
option selected, the first byte accessed in the data phase is the
least significant byte of the multibyte register, and each subsequent
byte corresponds to the data in the next highest address. Figure 82
and Figure 83 show generalized read and write transactions of a
multibyte register for both address direction options.
When CRC is enabled, a checksum follows the data phase for
each SPI transaction. When the MB_STRICT bit is set to 0, the
checksum occurs after each byte of a multibyte register is accessed
(see Figure 85 and Figure 90). When the MB_STRICT bit is set to
1, the checksum only occurs after all bytes of the multibyte register
are accessed (see Figure 86 and Figure 91).
Figure 82. Multibyte Register Access with MB_STRICT = 1 and Descending Address
Figure 83. Multibyte Register Access with MB_STRICT = 1 and Ascending Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com